Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 94Page - ATMEL Corporation AT89LP428 Datasheet HTML 95Page - ATMEL Corporation AT89LP428 Datasheet HTML 96Page - ATMEL Corporation AT89LP428 Datasheet HTML 97Page - ATMEL Corporation AT89LP428 Datasheet HTML 98Page - ATMEL Corporation AT89LP428 Datasheet HTML 99Page - ATMEL Corporation AT89LP428 Datasheet HTML 100Page - ATMEL Corporation AT89LP428 Datasheet HTML 101Page - ATMEL Corporation AT89LP428 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 149 page
background image
98
3654A–MICRO–8/09
AT89LP428/828
18. Dual Analog Comparators
The AT89LP428/828 provides two analog comparators. The analog comparators have the fol-
lowing features:
• Internal 3-level Voltage Reference
•Multiple Shared Analog Input Channels
• Selectable Interrupt Conditions
– High- or Low-level
–Rising- or Falling-edge
–Output Toggle
•Hardware Debouncing Modes
A block diagram of the dual analog comparators with relevant connections is shown in Figure
18-1. Input options allow the comparators to function in a number of different configurations as
shown in Figure 18-3. Comparator operation is such that the output is a logic “1” when the posi-
tive input is greater than the negative input. Otherwise, the output is a zero. Setting the CENA
(ACSRA.3) and CENB (ACSRB.3) bits enable Comparator A and B, respectively. The user must
also set the CONA (ACSRA.5) or CONB (ACSRB.5) bits to connect the comparator inputs
before using a comparator. When a comparator is first enabled, the comparator output and
Table 17-4.
SPSR – SPI Status Register
SPSR Address = E8H
Reset Value = 0000 X000B
Not Bit Addressable
SPIF
WCOL
MODF
TXE
–
SSIG
DISSOENH
Bit
76543
210
Symbol
Function
SPIF
SPI Transfer Complete Interrupt Flag. When a serial transfer is complete, the SPIF bit is set by hardware and an interrupt
is generated if ESP = 1. The SPIF bit may be cleared by software or by reading the SPI status register followed by
reading/writing the SPI data register.
WCOL
Write Collision Flag. The WCOL bit is set by hardware if SPDR is written while the transmit buffer is full. The ongoing
transfer is not affected. WCOL may be cleared by software or by reading the SPI status register followed by
reading/writing the SPI data register.
MODF
Mode Fault Flag. MODF is set by hardware when a master mode collision is detected (MSTR = 1, SSIG = 0 and SS = 0)
and an interrupt is generated if ESP= 1. MODF must be cleared by software.
TXE
Transmit Buffer Empty Flag. Set by hardware when the transmit buffer is loaded into the shift register, allowing a new byte
to be loaded. TXE must be cleared by software. When ENH = 1 and ESP = 1, TXE will generate an interrupt.
SSIG
Slave Select Ignore. If SSIG = 0, the SPI will only operate in slave mode if SS (P1.4) is pulled low. When SSIG = 1, the
SPI ignores SS in slave mode and is active whenever SPE (SPCR.6) is set. When MSTR = 1 and SSIG = 0, SS is
monitored for master mode collisions. Setting SSIG = 1 will ignore collisions on SS. P1.4 may be used as a regular I/O
pin when SSIG = 1.
DISSO
Disable slave output bit. When set, this bit causes the MISO pin to be tristated so that more than one slave device can
share the same interface without multiple SS lines. Normally, the first byte in a transmission could be the slave address
and only the selected slave should clear its DISSO bit.
ENH
TX Buffer Interrupt Enable. When ENH = 1, TXE will generate an SPI interrupt if ESP = 1. When ENH = 0, TXE does not
generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com