Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 34Page - ATMEL Corporation AT89LP428 Datasheet HTML 35Page - ATMEL Corporation AT89LP428 Datasheet HTML 36Page - ATMEL Corporation AT89LP428 Datasheet HTML 37Page - ATMEL Corporation AT89LP428 Datasheet HTML 38Page - ATMEL Corporation AT89LP428 Datasheet HTML 39Page - ATMEL Corporation AT89LP428 Datasheet HTML 40Page - ATMEL Corporation AT89LP428 Datasheet HTML 41Page - ATMEL Corporation AT89LP428 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 149 page
background image
38
3654A–MICRO–8/09
AT89LP428/828
10.1.4
Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and
the quasi-bidirectional output modes, but provides a continuous strong pull-up when the port
latch contains a logic “1”. The push-pull mode may be used when more source current is needed
from a port output. The push-pull port configuration is shown in Figure 10-5.
Figure 10-5. Push-pull Output
10.2
Port 2 Analog Functions
The AT89LP428/828 incorporates two analog comparators. In order to give the best analog per-
formance and minimize power consumption, pins that are being used for analog functions must
have both their digital outputs and inputs disabled. Digital outputs are disabled by putting the
port pins into the input-only mode as described in “Port Configuration” on page 35. Digital inputs
on P2.4, P2.5, P2.6 and P2.7 are disabled whenever an analog comparator is enabled by setting
the CENA or CENB bits in ACSRA and ACSRB and that pin is configured for input-only mode.
To use an analog input pin as a high-impedance digital input while a comparator is enabled, that
pin should be configured in open-drain mode and the corresponding port register bit should be
set to 1. The analog input pins will always default to input-only mode after reset regardless of the
state of the Tristate-Port User Fuse.
If analog noise immunity is a concern, the P2.4–7 pins should not be used as high speed digital
inputs or outputs while the comparators are enabled.
Port
Pin
VCC
From Port
Register
Input
Data
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com