Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 92Page - ATMEL Corporation AT89LP428 Datasheet HTML 93Page - ATMEL Corporation AT89LP428 Datasheet HTML 94Page - ATMEL Corporation AT89LP428 Datasheet HTML 95Page - ATMEL Corporation AT89LP428 Datasheet HTML 96Page - ATMEL Corporation AT89LP428 Datasheet HTML 97Page - ATMEL Corporation AT89LP428 Datasheet HTML 98Page - ATMEL Corporation AT89LP428 Datasheet HTML 99Page - ATMEL Corporation AT89LP428 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 149 page
background image
96
3654A–MICRO–8/09
AT89LP428/828
17.4
Serial Clock Timing
The TSCK, CPHA, CPOL and SPR bits in SPCR control the shape and rate of SCK. The two
SPR bits provide four possible bit clock rates when the SPI is in master mode. The TSCK bit
also allows a timer-generated bit rate. In slave mode, the SPI will operate at the rate of the
incoming SCK as long as it does not exceed the maximum bit rate. There are also four possible
combinations of SCK phase and polarity with respect to the serial data. CPHA and CPOL deter-
mine which format is used for transmission. The SPI data transfer formats are shown in Figures
17-3 and 17-4. To prevent glitches on SCK from disrupting the interface, CPHA, CPOL, and
SPR should not be modified while the interface is enabled, and the master device should be
enabled before selecting the slave device(s).
Figure 17-3. SPI Transfer Format with CPHA = 0
Note:
*Not defined but normally MSB of character just received.
Figure 17-4. SPI Transfer Format with CPHA = 1
Note:
*Not defined but normally LSB of previously transmitted character.
MSB
6
5
4
3
2
1
LSB
1
2
3
4
5
6
7
8
MSB
*
65
4
3
2
1
LSB
SCK CYCLE #
(FOR REFERENCE)
SCK (CPOL = 0)
SCK (CPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SS (TO SLAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com