Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
67
3654A–MICRO–8/09
AT89LP428/828
13.3.1
Waveform Generation
Each CCA channel has an associated external compare output pin: CCA (P2.0), CCB (P2.1),
CCC (P2.2) and CCD (P2.3). The CxM
2-0 bits in CCCx determine what action is taken when a
compare event occurs. The output pin may be set to 1, cleared to 0 or toggled. Output actions
take place even if the interrupt is disabled; however, the associated I/O pin must be set to the
desired output mode before the compare event occurs. The state of the compare outputs are ini-
tialized to 1 by reset.
Multiple compare events per channel can occur within a single time period, provided that the
software has time to update the compare value before the timer reaches the next compare point.
In this case other interrupts should be disabled or the CCA interrupt given a higher priority in
order to ensure that the interrupt is serviced in time.
A wide range of waveform generation configurations are possible using the various operating
modes of Timer 2 and the CCA. Some example configurations are detailed below. Pulse width
modulation is a special case of output compare. See “Pulse Width Modulation Mode” on page 68
for more details of PWM operation.
13.3.1.1
Normal Mode
The simplest waveform mode is when CP/RL2 =0 and T2CM1-0 = 01B. In this mode the fre-
quency of the output is determined by the TOP value stored in RCAP2L and RCAP2H and
output edges occur at fractions of the timer period. Figure 13-4 shows an example of outputting
two waveforms of the same frequency but different phase by using the toggle on match action.
More complex waveforms are achieved by changing the TOP value and the compare values
more frequently.
Figure 13-4. Normal Mode Waveform Example
13.3.1.2
Clear-Timer-on-Compare Mode
Clear-Timer-on-Compare (CTC) mode occurs when the CTCx bit of a compare channel is set to
one. CTC mode works best when Timer 2 is in capture mode (CP/RL2 =1) to allow the full range
of compare values. In CTC mode, the compare value defines the interval between output events
because the timer is cleared after every compare match. Figure 13-5 shows an example wave-
form using the toggle on match action in CTC mode.
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 01B, DCEN = 0
CCA
{CCAH,CCAL}
{CCBH,CCBL}
CCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com