Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 149 page
background image
68
3654A–MICRO–8/09
AT89LP428/828
Figure 13-5. CTC Mode Waveform Example
13.3.1.3
Dual-Slope Mode
The dual-slope mode occurs when CP/RL2 =0 and T2CM
1-0 = 1xB. In this mode the frequency
of the output is determined by the TOP value stored in RCAP2L and RCAP2H and output edges
occur at fractions of the timer period on both the up and down count. Figure 13-6 shows an
example of outputting two symmetrical waveforms using the toggle on match action. More com-
plex waveforms are achieved by changing the TOP value and the compare values more
frequently.
Figure 13-6. Dual-slope Waveform Example
13.3.2
Timer 2 Operation for Compare Mode
Compare channels will work with any Timer 2 operating mode. The full 16-bit compare range
may not be available in all modes. In order for a compare output action to take place, the com-
pare values must be within the counting range of Timer 2. CTCx must be cleared to 0 for all
channels if Timer 2 is operating in Baud Rate mode or errors may occur in the serial
communication.
13.4
Pulse Width Modulation Mode
In Pulse Width Modulation (PWM) mode, a compare channel can output a square wave with pro-
grammable frequency and duty cycle. Setting CCMx = 1 and CxM
2-0 = 10xB enables PWM
mode. PWM mode is similar to Output Compare mode except that the compare value is double-
buffered. A diagram of a CCA channel in PWM mode is shown in Figure 13-7. The PWM polarity
is selectable between inverting and non-inverting modes. PWM is intended for use with Timer 2
in Auto-reload mode (CP/RL2 = 0, DCEN = 0) using count modes 1, 2 or 3. The PWM can oper-
ate in asymmetric (edge-aligned) or symmetric (center-aligned) mode depending on the T2CM
selection. The CCA PWM has variable precision from 2 to 16 bits. A trade-off between frequency
CP/RL2 = 1
CCA
{CCAH,CCAL}
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 10B, DCEN = 0
CCA
{CCAH,CCAL}
{CCBH,CCBL}
CCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com