Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 19Page - ATMEL Corporation AT89LP428 Datasheet HTML 20Page - ATMEL Corporation AT89LP428 Datasheet HTML 21Page - ATMEL Corporation AT89LP428 Datasheet HTML 22Page - ATMEL Corporation AT89LP428 Datasheet HTML 23Page - ATMEL Corporation AT89LP428 Datasheet HTML 24Page - ATMEL Corporation AT89LP428 Datasheet HTML 25Page - ATMEL Corporation AT89LP428 Datasheet HTML 26Page - ATMEL Corporation AT89LP428 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 149 page
background image
23
3654A–MICRO–8/09
AT89LP428/828
7.
Reset
During reset, all I/O Registers are set to their initial values, the port pins are tristated, and the
program starts execution from the Reset Vector, 0000H. The AT89LP428/828 has five sources
of reset: power-on reset, brown-out reset, external reset, watchdog reset, and software reset.
7.1
Power-on Reset
A Power-on Reset (POR) is generated by an on-chip detection circuit. The detection level V
POR
is nominally 1.4V. The POR is activated whenever V
CC is below the detection level. The POR cir-
cuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices
without a brown-out detector. The POR circuit ensures that the device is reset from power-on. A
power-on sequence is shown in Figure 7-1 on page 24. When V
CC reaches the Power-on Reset
threshold voltage V
POR, an initialization sequence lasting tPOR is started. When the initialization
sequence completes, the start-up timer determines how long the device is kept in POR after V
CC
rise. The POR signal is activated again, without any delay, when V
CC falls below the POR
threshold level. A Power-on Reset (i.e. a cold reset) will set the POF flag in PCON. The internally
generated reset can be extended beyond the power-on period by holding the RST pin low longer
than the time-out.
Table 6-2.
CLKREG
– Clock Control Register
CLKREG = 8FH
Reset Value = 0000 0000B
Not Bit Addressable
TPS3TPS2TPS1TPS0
CDV2
CDV1
CDV0
COE
Bit
7
6
543
21
0
Symbol
Function
TPS [3 - 0]
Timer Prescaler. The Timer Prescaler selects the time base for Timer 0, Timer 1, Timer 2 and the Watchdog Timer.
The prescaler is implemented as a 4-bit binary down counter. When the counter reaches zero it is reloaded with the
value stored in the TPS bits to give a division ratio between 1 and 16. By default the timers will count every clock
cycle (TPS = 0000B). To configure the timers to count at a standard 8051 rate of once every 12 clock cycles, TPS
should be set to 1011B.
CDV [2 - 0]
System Clock Division. Determines the frequency of the system clock relative to the oscillator clock source.
CDIV2
CDIV1
CDIV0
System Clock Frequency
00
0
fOSC/1
00
1
fOSC/2
01
0
f
OSC/4
01
1
fOSC/8
10
0
fOSC/16
10
1
f
OSC/32
11
0
reserved
11
1
reserved
COE
Clock Out Enable. Set COE to output the system clock divided by 2 on XTAL2 (P4.1). The internal RC oscillator or
external clock source must be selected in order to use this feature and P4.1 must be configured as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com