Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 36Page - ATMEL Corporation AT89LP428 Datasheet HTML 37Page - ATMEL Corporation AT89LP428 Datasheet HTML 38Page - ATMEL Corporation AT89LP428 Datasheet HTML 39Page - ATMEL Corporation AT89LP428 Datasheet HTML 40Page - ATMEL Corporation AT89LP428 Datasheet HTML 41Page - ATMEL Corporation AT89LP428 Datasheet HTML 42Page - ATMEL Corporation AT89LP428 Datasheet HTML 43Page - ATMEL Corporation AT89LP428 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
40
3654A–MICRO–8/09
AT89LP428/828
Table 10-6.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y
P1.0
P1M0.0
P1M1.0
T2
GPI0
P1.1
P1M0.1
P1M1.1
T2EX
GPI1
P1.2
P1M0.2
P1M1.2
GPI2
P1.3
P1M0.3
P1M1.3
GPI3
P1.4
P1M0.4
P1M1.4
SS
GPI4
P1.5
P1M0.5
P1M1.5
MOSI
GPI5
P1.6
P1M0.6
P1M1.6
MISO
GPI6
P1.7
P1M0.7
P1M1.7
SCK
GPI7
P2.0
P2M0.0
P2M1.0
CCA
P2.1
P2M0.1
P2M1.1
CCB
P2.2
P2M0.2
P2M1.2
CCC
P2.3
P2M0.3
P2M1.3
CCD
P2.4
P2M0.4
P2M1.4
AIN0
Input-only
P2.5
P2M0.5
P2M1.5
AIN1
Input-only
P2.6
P2M0.6
P2M1.6
AIN2
Input-only
P2.7
P2M0.7
P2M1.7
AIN3
Input-only
P3.0
P3M0.0
P3M1.0
RXD
P3.1
P3M0.1
P3M1.1
TXD
P3.2
P3M0.2
P3M1.2
INT0
P3.3
P3M0.3
P3M1.3
INT1
P3.4
P3M0.4
P3M1.4
T0
P3.5
P3M0.5
P3M1.5
T1
P3.6
P3M0.5
P3M1.5
RSTRST must be disabled to use P3.6
P4.6
Not configurable
CMPA
Pin is tied to comparator output
P4.7
Not configurable
CMPB
Pin is tied to comparator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com