Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 80Page - ATMEL Corporation AT89LP428 Datasheet HTML 81Page - ATMEL Corporation AT89LP428 Datasheet HTML 82Page - ATMEL Corporation AT89LP428 Datasheet HTML 83Page - ATMEL Corporation AT89LP428 Datasheet HTML 84Page - ATMEL Corporation AT89LP428 Datasheet HTML 85Page - ATMEL Corporation AT89LP428 Datasheet HTML 86Page - ATMEL Corporation AT89LP428 Datasheet HTML 87Page - ATMEL Corporation AT89LP428 Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 149 page
background image
84
3654A–MICRO–8/09
AT89LP428/828
Figure 16-2. Mode 0 Waveforms
Mode 0 may be used as a hardware accelerator for software emulation of serial interfaces such
as a half-duplex Serial Peripheral Interface (SPI) in mode (0,0) or (1,1) or a Two-wire Interface
(TWI) in master mode. An example of Mode 0 emulating a TWI master device is shown in Figure
16-3. In this example, the start, stop, and acknowledge are handled in software while the byte
transmission is done in hardware. Falling/rising edges on TXD are created by setting/clearing
SM2. Rising/falling edges on RXD are forced by setting/clearing the P3.0 register bit. SM2 and
P3.0 must be 1 while the byte is being transferred.
Figure 16-3. UART Mode 0 TWI Emulation (SMOD1 = 1)
Mode 0 transfers data LSB first whereas SPI or TWI are generally MSB first. Emulation of these
interfaces may require bit reversal of the transferred data bytes. The following code example
reverses the bits in the accumulator:
EX:
MOV
R7, #8
REVRS: RLC
A
; C << msb(ACC)
XCH
A, R6
RRC
A
; msb(ACC) >> B
XCH
A, R6
DJNZ R7, REVRS
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
SMOD1 = 0
SM2 = 0
SMOD1 = 1
SM2 = 0
SMOD1 = 0
SM2 = 1
SMOD1 = 1
SM2 = 1
7
(SDA) RXD
(SCL) TXD
6
5
4
3
2
1
0
ACK
SM2
P3.0
Write to SBUF
TI
Sample ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com