Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 149 page
background image
65
3654A–MICRO–8/09
AT89LP428/828
13.2
Input Capture Mode
The Compare/Capture Array provides a variety of capture modes suitable for time-stamping
events or performing measurements of pulse width, frequency, slope, etc. The CCA channels
are configured for capture mode by clearing the CCMx bit in the associated CCCx register to 0.
Each time a capture event occurs, the contents of Timer 2 (TH2 and TL2) are transferred to the
16-bit data register of the corresponding channel, and the channel’s interrupt flag CCFx is set in
T2CCF. Optionally, the capture event may also clear Timer 2 to 0000H by setting the CTCx bit in
CCCx. The capture event is defined by the CxM
2-0 bits in CCCx and may be either externally or
internally generated. A diagram of a CCA channel in capture mode is shown in Figure 13-2.
Figure 13-2. CCA Capture Mode Diagram
Table 13-5.
T2CCF – Timer/Counter 2 Compare/Capture Flags
T2CCF Address = 0D5H
Reset Value = XXXX 0000B
Not Bit Addressable
CCFD
CCFC
CCFB
CCFA
Bit
7
654
321
0
Symbol
Function
CCFD
Channel D Compare/Capture Interrupt Flag. Set by a compare/capture event on channel D. Must be cleared by software.
CCFD will generate an interrupt when CIEND = 1 and ECC = 1.
CCFC
Channel C Compare/Capture Interrupt Flag. Set by a compare/capture event on channel C. Must be cleared by
software. CCFC will generate an interrupt when CIENC = 1 and ECC = 1.
CCFB
Channel B Compare/Capture Interrupt Flag. Set by a compare/capture event on channel B. Must be cleared by software.
CCFB will generate an interrupt when CIENB = 1 and ECC = 1.
CCFA
Channel A Compare/Capture Interrupt Flag. Set by a compare/capture event on channel A. Must be cleared by software.
CCFA will generate an interrupt when CIENA = 1 and ECC = 1.
TL2
TH2
CCxL
CCxH
CCCx
Interrupt
(P2.x) CCx
T2CCC
T2CCL
T2CCH
0
1
2
3
4
5
6
7
“0”
Timer 0 Overflow
Timer 1 Overflow
Comparator A
Comparator B
00H
00H
CTCx
CCFx
CIENx
CxM2-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com