Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 30Page - ATMEL Corporation AT89LP428 Datasheet HTML 31Page - ATMEL Corporation AT89LP428 Datasheet HTML 32Page - ATMEL Corporation AT89LP428 Datasheet HTML 33Page - ATMEL Corporation AT89LP428 Datasheet HTML 34Page - ATMEL Corporation AT89LP428 Datasheet HTML 35Page - ATMEL Corporation AT89LP428 Datasheet HTML 36Page - ATMEL Corporation AT89LP428 Datasheet HTML 37Page - ATMEL Corporation AT89LP428 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 149 page
background image
34
3654A–MICRO–8/09
AT89LP428/828
.
Table 9-6.
IP2 – Interrupt Priority 2 Register
IP = B5H
Reset Value = 0xxx x000B
No Bit Addressable
IP2D
––
––
PSPPCC
PGP
Bit
7654
3210
Symbol
Function
IP2D
Interrupt Priority 2 Disable. Set IP2D to 1 to disable all interrupts with priority level two. Clear to 0 to enable all interrupts
with priority level two when EA = 1.
PSP
Serial Peripheral Interface Interrupt Priority Low
PCC
Compare/Capture Array Interrupt Priority Low
PGP
General-purpose Interrupt 0 Priority Low
Table 9-7.
IP2H – Interrupt Priority 2 High Register
IP2H = B6H
Reset Value = 0xxx x000B
Not Bit Addressable
IP3D
––
––
PSPH
PCCH
PGPH
Bit
7
6
543
21
0
Symbol
Function
IP3D
Interrupt Priority 3 Disable. Set IP3D to 1 to disable all interrupts with priority level three. Clear to 0 to enable all
interrupts with priority level three when EA = 1.
PSPH
Serial Peripheral Interface Interrupt Priority High
PCCH
Compare/Capture Array Interrupt Priority High
PGPH
General-purpose Interrupt 0 Priority High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com