Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 9Page - ATMEL Corporation AT89LP428 Datasheet HTML 10Page - ATMEL Corporation AT89LP428 Datasheet HTML 11Page - ATMEL Corporation AT89LP428 Datasheet HTML 12Page - ATMEL Corporation AT89LP428 Datasheet HTML 13Page - ATMEL Corporation AT89LP428 Datasheet HTML 14Page - ATMEL Corporation AT89LP428 Datasheet HTML 15Page - ATMEL Corporation AT89LP428 Datasheet HTML 16Page - ATMEL Corporation AT89LP428 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
13
3654A–MICRO–8/09
AT89LP428/828
Figure 3-4.
FDATA Byte Write
Figure 3-5.
FDATA Page Write
The auto-erase bit AERS (MEMCON.6) can be set to one to perform a page erase automatically
at the beginning of any write sequence. The page erase will erase the entire page and then the
bytes in the temporary buffer will be written to the selected page.
Frequently just a few bytes within a page must be updated while maintaining the state of the
other bytes. There are two options for handling this situation that allow the Flash data memory to
emulate a traditional EEPROM memory. The simplest method is to copy the entire page into a
buffer allocated in RAM, modify the desired byte locations in the RAM buffer, and then load and
write back the page to the Flash memory. This option requires that at least one page size of
RAM is available as a temporary buffer. The second option is to load the unmodified bytes of the
page directly into the Flash memory’s temporary load buffer before loading the updated values
of the modified bytes. For example, if just one byte needs modification, the user must first read
and load the unaffected bytes of into the page buffer. Then the modified byte value is stored to
the page buffer before starting the auto-erase sequence. This method reduces the amount of
RAM required; however, more software overhead is needed because the read-and-load-back
routine must skip those bytes in the page that need to be updated in order to prevent those loca-
tions in the buffer from being loaded with the previous data, as this will block the new data from
being loaded correctly.
A write sequence will not occur if the Brown-out Detector (BOD) is active, even if the BOD reset
has been disabled. In cases where the BOD reset is disabled, the user should check the BOD
status by reading the WRTINH bit in MEMCON. If a write currently in progress is interrupted by
the BOD due to a low voltage condition, the ABORT flag will be set. FDATA can always be read
regardless of the BOD state.
For more details on using the Flash Data Memory, see the application note titled “AT89LP Flash
Data Memory”. FDATA may also be programmed by an external device programmer (see “Pro-
gramming the Flash Memory” on page 115).
MWEN
DMEN
t
WC
LDPG
IDLE
MOVX
t
WC
MWEN
DMEN
t
WC
LDPG
IDLE
MOVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com