Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 8Page - ATMEL Corporation AT89LP428 Datasheet HTML 9Page - ATMEL Corporation AT89LP428 Datasheet HTML 10Page - ATMEL Corporation AT89LP428 Datasheet HTML 11Page - ATMEL Corporation AT89LP428 Datasheet HTML 12Page - ATMEL Corporation AT89LP428 Datasheet HTML 13Page - ATMEL Corporation AT89LP428 Datasheet HTML 14Page - ATMEL Corporation AT89LP428 Datasheet HTML 15Page - ATMEL Corporation AT89LP428 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
12
3654A–MICRO–8/09
AT89LP428/828
3.3.2
FDATA
The Flash data memory is a portion of the external memory space implemented as an internal
nonvolatile data memory. Flash data memory is enabled by setting the DMEN bit (MEMCON.3)
to one. When IAP = 0 and DMEN = 1, the Flash data memory is mapped into the FDATA space,
directly above the EDATA space near the bottom of the external memory address space.
(Addresses 0200H–03FFH on AT89LP428 and 0200H–05FFH on AT89LP828. See Figure 3-3
on page 11). MOVX instructions to this address range will access the internal nonvolatile mem-
ory. FDATA is not accessible while DMEN = 0. FDATA can be accessed only by 16-bit
(MOVX @DPTR) addresses. Addresses above the FDATA range are not implemented and
should not be accessed. MOVX instructions to FDATA require a minimum of 4 clock cycles.
3.3.2.1
Write Protocol
The FDATA address space accesses an internal nonvolatile data memory. This address space
can be read just like EDATA by issuing a MOVX A,@DPTR; however, writes to FDATA require a
more complex protocol and take several milliseconds to complete. The AT89LP428/828 uses an
idle-while-write architecture where the CPU is placed in an idle state while the write occurs.
When the write completes, the CPU will continue executing with the instruction after the
MOVX @DPTR,A instruction that started the write. All peripherals will continue to function during
the write cycle; however, interrupts will not be serviced until the write completes.
To enable write access to the nonvolatile data memory, the MWEN bit (MEMCON.4) must be set
to one. When MWEN = 1 and DMEN = 1, MOVX @DPTR,A may be used to write to FDATA.
FDATA uses Flash memory with a page-based programming model. Flash data memory differs
from traditional EEPROM data memory in the method of writing data. EEPROM generally can
update a single byte with any value. Flash memory splits programming into write and erase
operations. A Flash write can only program zeroes, i.e change ones into zeroes (). Any
ones in the write data are ignored. A Flash erase sets an entire page of data to ones so that all
bytes become FFH. Therefore after an erase, each byte in the page can be written once with
any possible value. Bytes can be overwritten without an erase as long as only ones are changed
into zeroes. However, if even a single bit needs updating from zero to one (
); then the con-
tents of the page must first be saved, the entire page must be erased and the zero bits in all
bytes (old and new data combined) must be written. Avoiding unnecessary page erases greatly
improves the endurance of the memory.
The AT89LP428/828 includes 8/16 data pages of 64 bytes each. One or more bytes in a page
may be written at one time. The AT89LP428/828 includes a temporary page buffer of 64 bytes,
so the maximum number of bytes written at one time is 64. The LDPG bit (MEMCON.5) allows
m u ltiple d a ta b yte s to b e lo a d ed to the tempor a ry p a ge bu ffer. While LDPG = 1 ,
MOVX @DPTR,A instructions will load data to the page buffer, but will not start a write
sequence. Note that a previously loaded byte must not be reloaded prior to the write sequence.
To write the page into the memory, LDPG must first be cleared and then a MOVX @DPTR,A
with the final data byte is issued. The address of the final MOVX determines which page will be
written. If a MOVX @DPTR,A instruction is issued while LDPG = 0 without loading any previous
bytes, only a single byte will be written. The page buffer is reset after each write operation. Fig-
ures 3-4 and 3-5 show the difference between byte writes and page writes.
10
→
01
→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com