Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 31Page - ATMEL Corporation AT89LP428 Datasheet HTML 32Page - ATMEL Corporation AT89LP428 Datasheet HTML 33Page - ATMEL Corporation AT89LP428 Datasheet HTML 34Page - ATMEL Corporation AT89LP428 Datasheet HTML 35Page - ATMEL Corporation AT89LP428 Datasheet HTML 36Page - ATMEL Corporation AT89LP428 Datasheet HTML 37Page - ATMEL Corporation AT89LP428 Datasheet HTML 38Page - ATMEL Corporation AT89LP428 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 149 page
background image
35
3654A–MICRO–8/09
AT89LP428/828
10. I/O Ports
The AT89LP428/828 can be configured for between 23 and 30 I/O pins. The exact number of
I/O pins available depends on the package type and the clock and reset options as shown in
Table 10-1.
10.1
Port Configuration
All port pins on the AT89LP428/828 may be configured to one of four modes: quasi-bidirectional
(standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port modes may
be assigned in software on a pin-by-pin basis as shown in Table 10-2 using the registers listed in
Table 10-3. The Tristate-Port User Fuse determines the default state of the port pins. When the
fuse is enabled, all port pins default to input-only mode after reset. When the fuse is disabled, all
port pins, with the exception of the analog inputs, P2.4, P2.5, P2.6 and P2.7, default to quasi-
bidirectional mode after reset and are weakly pulled high. The analog input pins always reset to
input-only (tristate) mode. Each port pin also has a Schmitt-triggered input for improved input
noise rejection. During Power-down all the Schmitt-triggered inputs are disabled with the excep-
tion of P3.2 (INT0), P3.3 (INT1), P3.6 (RST), P4.0 (XTAL1) and P4.1 (XTAL2) which may be
used to wake up the device. Therefore, P3.2, P3.3, P3.6, P4.0 and P4.1 should not be left float-
ing during Power-down. In addition any pin of Port 1 configured as a GPI input will also remain
active during Power-down to wake-up the device. These interrupt pins should either be disabled
before entering Power-down or they should not be left floating.
Table 10-1.
I/O Pin Configurations
Clock Source
Reset Option
Package
Number of I/O Pins
External Crystal or
Resonator
External RST Pin
PDIP
23
TQFP or PLCC
27
No external reset
PDIP
24
TQFP or PLCC
28
External Clock
External RST Pin
PDIP
24
TQFP or PLCC
28
No external reset
PDIP
25
TQFP or PLCC
29
Internal RC Oscillator
External RST Pin
PDIP
25
TQFP or PLCC
29
No external reset
PDIP
26
TQFP or PLCC
30
Table 10-2.
Configuration Modes for Port x, Bit y
PxM0.y
PxM1.y
Port Mode
00
Quasi-bidirectional
01
Push-pull Output
10
Input Only (High Impedance)
1
1
Open-drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com