Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 68Page - ATMEL Corporation AT89LP428 Datasheet HTML 69Page - ATMEL Corporation AT89LP428 Datasheet HTML 70Page - ATMEL Corporation AT89LP428 Datasheet HTML 71Page - ATMEL Corporation AT89LP428 Datasheet HTML 72Page - ATMEL Corporation AT89LP428 Datasheet HTML 73Page - ATMEL Corporation AT89LP428 Datasheet HTML 74Page - ATMEL Corporation AT89LP428 Datasheet HTML 75Page - ATMEL Corporation AT89LP428 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 149 page
background image
72
3654A–MICRO–8/09
AT89LP428/828
Figure 13-11. Phase Correct Symmetrical (Center-Aligned) PWM
13.4.3
Multi-Phasic PWM
The PWM channels may be configured to provide multi-phasic alternating outputs by the PHS
2-0
bits in T2MOD. The AT89LP428/828 provides 1 out of 2, 1 out of 3, 1 out of 4 and 2 out of 4
phase modes (see Table 13-6). In Multi-phasic mode, the PWM outputs on CCA, CCB, CCC and
CCD are connected to a one-hot shift register that selectively enables and disables the outputs
(see Figure 13-12). Compare points on disabled channels are blocked from toggling the output
as if the compare value was set equal to TOP. The PHSD bit in T2MOD controls the direction of
the shift register. Example waveforms are shown in Figure 13-13 on page 73. In order to use
multi-phasic PWM, the associated channels must be configured for PWM operation. Non-PWM
channels are not affected by multi-phasic operation. However, their locations in the shift register
are maintained such that some periods in the PWM outputs may not have any pulses as shown
in Figure 13-14.
The PHS
2-0 bits may only be modified when the timer is not operational (TR2 = 0). Updates to
PHSD are allowed at any time. Note that channels C and D in 1:2 phase mode and channel D in
1:3 phase mode operate normally.
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 11B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-Inverted
CCx
Duty Cycle Updated
Table 13-6.
Summary of Multi-Phasic Modes
PHS2-0
Mode
Behavior
PHSD = 0
PHSD = 1
000
Off
Normal Operation (all channels active at all times)
001
1:2
010
1:3
011
1:4
100
2:4
ABAB
→→→
BABA
→→→
AB
CABC
→→ →→→
CBACBA
→→→ → →
ABCDABCD
→→ → →→→ →
DCBADCBA
→ →→→ → → →
ABA
B
→→→
CDC
D
→→ →
BAB
A
→→→
DCD
C
→→ →



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com