Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 11Page - ATMEL Corporation AT89LP428 Datasheet HTML 12Page - ATMEL Corporation AT89LP428 Datasheet HTML 13Page - ATMEL Corporation AT89LP428 Datasheet HTML 14Page - ATMEL Corporation AT89LP428 Datasheet HTML 15Page - ATMEL Corporation AT89LP428 Datasheet HTML 16Page - ATMEL Corporation AT89LP428 Datasheet HTML 17Page - ATMEL Corporation AT89LP428 Datasheet HTML 18Page - ATMEL Corporation AT89LP428 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
15
3654A–MICRO–8/09
AT89LP428/828
4.
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in Table 4-1.
Note that not all of the addresses are occupied, and unoccupied addresses may not be implemented on the chip. Read
accesses to these addresses will in general return random data, and write accesses will have an indeterminate effect. User
software should not write to these unlisted locations, since they may be used in future products to invoke new features.
Notes:1. All SFRs in the left-most column are bit-addressable.
2. Reset value is 1111 1111B when Tristate-port Fuse is enabled and 0000 0000B when disabled.
Table 4-1.
AT89LP428/828 SFR Map and Reset Values
89
A
B
C
D
E
F
0F8H
0FFH
0F0H
B
0000 0000
0F7H
0E8H
SPSR
000x x000
SPCR
0000 0000
SPDR
xxxx xxxx
0EFH
0E0H
ACC
0000 0000
0E7H
0D8H
0DFH
0D0H
PSW
0000 0000
T2CCA
0000 0000
T2CCL
0000 0000
T2CCH
0000 0000
T2CCC
0000 0000
T2CCF
0000 0000
0D7H
0C8H
T2CON
0000 0000
T2MOD
0000 0000
RCAP2L
0000 000
RCAP2H
0000 0000
TL2
0000 000
TH2
0000 0000
0CFH
0C0H
P4
xx11 1111
P1M0(2)
P1M1
0000 0000
P2M0(2)
P2M1
0000 0000
P3M0(2)
P3M1
0000 0000
0C7H
0B8H
IP
0000 0000
SADEN
0000 0000
P4M0(2)
P4M1
xx00 0000
0BFH
0B0H
P3
1111 1111
IE2
xxxx x000
IP2
xxxx x000
IP2H
xxxx x000
IPH
0000 0000
0B7H
0A8H
IE
0000 0000
SADDR
0000 0000
AREF
0000 0000
0AFH
0A0H
P2
1111 1111
DPCF
0000 00x0
WDTRST
(write-only)
WDTCON
0000 x000
0A7H
98H
SCON
0000 0000
SBUF
xxxx xxxx
GPMOD
0000 0000
GPLS
0000 0000
GPIEN
0000 0000
GPIF
0000 0000
ACSRB
1100 0000
9FH
90H
P1
1111 1111
TCONB
0010 0100
RL0
0000 0000
RL1
0000 0000
RH0
0000 0000
RH1
0000 0000
MEMCON
0000 00xx
ACSRA
0000 0000
97H
88H
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
CLKREG
0000 x000
8FH
80H
SP
0000 0111
DP0L
0000 0000
DP0H
0000 0000
DP1L
0000 0000
DP1H
0000 0000
PAGE
xxxx xxx0
PCON
0000 0000
87H
0
123
456
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com