Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 91Page - ATMEL Corporation AT89LP428 Datasheet HTML 92Page - ATMEL Corporation AT89LP428 Datasheet HTML 93Page - ATMEL Corporation AT89LP428 Datasheet HTML 94Page - ATMEL Corporation AT89LP428 Datasheet HTML 95Page - ATMEL Corporation AT89LP428 Datasheet HTML 96Page - ATMEL Corporation AT89LP428 Datasheet HTML 97Page - ATMEL Corporation AT89LP428 Datasheet HTML 98Page - ATMEL Corporation AT89LP428 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 149 page
background image
95
3654A–MICRO–8/09
AT89LP428/828
17.3
Pin Configuration
When the SPI is enabled (SPE = 1), the data direction of the MOSI, MISO, SCK, and SS pins is
automatically overridden according to the MSTR bit as shown in Table 17-1. The user doesn’t
need to reconfigure the pins when switching from master to slave or vice-versa. For more details
on port configuration, refer to “Port Configuration” on page 35.
.
Notes:1. In these modes MOSI is active only during transfers. MOSI will be pulled high between transfers to allow other masters to
control the line.
2. In Push-pull mode MOSI is active only during transfers, otherwise it is tristated to prevent line contention. A weak external
pull-up may be required to prevent MOSI from floating.
Table 17-1.
SPI Pin Configuration and Behavior when SPE = 1
Pin
Mode
Master (MSTR = 1)
Slave (MSTR = 0)
SCK
Quasi-bidirectionalOutputInput (Internal Pull-up)
Push-pull OutputOutputInput (Tristate)
Input-only
No output (Tristated)
Input (Tristate)
Open-drain OutputOutput
Input (External Pull-up)
MOSI
Quasi-bidirectionalOutput(1)
Input (Internal Pull-up)
Push-pull OutputOutput(2)
Input (Tristate)
Input-only
No output (Tristated)
Input (Tristate)
Open-drain OutputOutput(1)
Input (External Pull-up)
MISO
Quasi-bidirectionalInput (Internal Pull-up)
Output (SS = 0)
Internal Pull-up (SS = 1 or DISSO = 1)
Push-pull OutputInput (Tristate)
Output (SS = 0)
Tristated (SS = 1 or DISSO = 1)
Input-only
Input (Tristate)
No output (Tristated)
Open-drain OutputInput (External Pull-up)
Output (SS = 0)
External Pull-up (SS = 1 or DISSO = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com