Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 26Page - ATMEL Corporation AT89LP428 Datasheet HTML 27Page - ATMEL Corporation AT89LP428 Datasheet HTML 28Page - ATMEL Corporation AT89LP428 Datasheet HTML 29Page - ATMEL Corporation AT89LP428 Datasheet HTML 30Page - ATMEL Corporation AT89LP428 Datasheet HTML 31Page - ATMEL Corporation AT89LP428 Datasheet HTML 32Page - ATMEL Corporation AT89LP428 Datasheet HTML 33Page - ATMEL Corporation AT89LP428 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
30
3654A–MICRO–8/09
AT89LP428/828
The Timer 0 and Timer 1 Interrupts are generated by TF0 and TF1, which are set by a rollover in
their respective Timer/Counter registers (except for Timer 0 in Mode 3). When a timer interrupt is
generated, the on-chip hardware clears the flag that generated it when the service routine is
vectored to. The Timer 2 Interrupt is generated by a logic OR of bits TF2 and EXF2 in register
T2CON. Neither of these flags is cleared by hardware when the CPU vectors to the service rou-
tine. The service routine normally must determine whether TF2 or EXF2 generated the interrupt
and that bit must be cleared by software.
The Serial Port Interrupt is generated by the logic OR of RI and TI in SCON. Neither of these
flags is cleared by hardware when the CPU vectors to the service routine. The service routine
normally must determine whether RI or TI generated the interrupt and that bit must be cleared by
software. The Serial Peripheral Interface Interrupt is generated by the logic OR of SPIF, MODF
and TXE in SPSR. None of these flags is cleared by hardware when the CPU vectors to the ser-
vice routine. The service routine normally must determine which bit generated the interrupt and
that bit must be cleared by software.
A logic OR of all eight flags in the GPIF register causes the GPI. None of these flags is cleared
by hardware when the service routine is vectored to. The service routine must determine which
bit generated the interrupt and that bit must be cleared in software. If the interrupt was level acti-
vated, then the external requesting source must de-assert the interrupt before the flag may be
cleared by software.
The CFA and CFB bits in ACSRA and ACSRB respectively generate the Comparator Interrupt.
The service routine must normally determine whether CFA or CFB generated the interrupt, and
the bit must be cleared by software.
A logic OR of the four least significant bits in the T2CCF register causes the Compare/Capture
Array Interrupt. None of these flags is cleared by hardware when the service routine is vectored
to. The service routine must determine which bit generated the interrupt and that bit must be
cleared in software.
All of the bits that generate interrupts can be set or cleared by software, with the same result as
though they had been set or cleared by hardware. That is, interrupts can be generated and
pending interrupts can be canceled in software.
Table 9-1.
Interrupt Vector Addresses
Interrupt
Source
Vector Address
System Reset
RST or POR or BOD
0000H
External Interrupt 0
IE0
0003H
Timer 0 Overflow
TF0
000BH
External Interrupt 1
IE1
0013H
Timer 1 Overflow
TF1
001BH
Serial Port Interrupt
RI or TI
0023H
Timer 2 Interrupt
TF2 or EXF2
002BH
Analog Comparator Interrupt
CFA or CFB
0033H
General-purpose Interrupt
GPIF7-0
003BH
Compare/Capture Array Interrupt
T2CCF
3-0
0043H
Serial Peripheral Interface Interrupt
SPIF or MODF or TXE
004BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com