Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 99Page - ATMEL Corporation AT89LP428 Datasheet HTML 100Page - ATMEL Corporation AT89LP428 Datasheet HTML 101Page - ATMEL Corporation AT89LP428 Datasheet HTML 102Page - ATMEL Corporation AT89LP428 Datasheet HTML 103Page - ATMEL Corporation AT89LP428 Datasheet HTML 104Page - ATMEL Corporation AT89LP428 Datasheet HTML 105Page - ATMEL Corporation AT89LP428 Datasheet HTML 106Page - ATMEL Corporation AT89LP428 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 149 page
background image
103
3654A–MICRO–8/09
AT89LP428/828
Notes:1. CONB must be cleared to 0 before changing CSB [1 - 0].
2. Debouncing modes require the use of Timer 1 to generate the sampling delay.
Table 18-2.
ACSRB
– Analog Comparator B Control and Status Register
ACSRB = 9FH
Reset Value = 1100 0000B
Not Bit Addressable
CSB1
CSB0
CONB
CFB
CENB
CMB2
CMB1
CMB0
Bit
7
6
543
21
0
Symbol
Function
CSB
[1 - 0]
Comparator B Positive Input Channel Select(1)
CSB1
CSB0
B+ Channel
00
AIN0 (P2.4)
01
AIN1 (P2.5)
10
AIN2 (P2.6)
11
AIN3 (P2.7)
CONB
Comparator B Input Connect. When CONB = 1, the analog input pins are connected to the comparator. When
CONB = 0 the analog input pins are disconnected from the comparator. CONB must be cleared to 0 before changing
CSB [1 - 0] or RFB [1 - 0].
CFB
Comparator B Interrupt Flag. Set when the comparator output meets the conditions specified by the CMB [2 - 0] bits and
CENB is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE.
CENB
Comparator B Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and
prevent further events from setting CFB. When CENB = 1, the analog input pins, P2.4 - P2.7, have their digital inputs
disabled if they are configured in input-only mode.
CMB
[2 - 0]
Comparator B Interrupt Mode
CMB2
CMB1
CMB0
Interrupt Mode
000
Negative (Low) level
001
Positive edge
0
1
0
Toggle with debouncing(2)
011
Positive edge with debouncing(2)
100
Negative edge
101
Toggle
110
Negative edge with debouncing(2)
111
Positive (High) level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com