Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 104Page - ATMEL Corporation AT89LP428 Datasheet HTML 105Page - ATMEL Corporation AT89LP428 Datasheet HTML 106Page - ATMEL Corporation AT89LP428 Datasheet HTML 107Page - ATMEL Corporation AT89LP428 Datasheet HTML 108Page - ATMEL Corporation AT89LP428 Datasheet HTML 109Page - ATMEL Corporation AT89LP428 Datasheet HTML 110Page - ATMEL Corporation AT89LP428 Datasheet HTML 111Page - ATMEL Corporation AT89LP428 Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 149 page
background image
108
3654A–MICRO–8/09
AT89LP428/828
MUL AB
1
48
2
A4
DIV AB
1
48
4
84
DA A
1
12
1
D4
Logical
Bytes
Clock Cycles
Hex Code
8051
AT89LP
CLR A
1
12
1
E4
CPL A
1
12
1
F4
ANL A, Rn
1
12
1
58 - 5F
ANL A, direct
2
12
2
55
ANL A, @Ri
1
12
2
56 - 57
ANL A, #data
212
2
54
ANL direct, A
2
12
2
52
ANL direct, #data
324
3
53
ORL A, Rn
1
12
1
48 - 4F
ORL A, direct
2
12
2
45
ORL A, @Ri
1
12
2
46 - 47
ORL A, #data
212
2
44
ORL direct, A
2
12
2
42
ORL direct, #data
324
3
43
XRL A, Rn
1
12
1
68 - 6F
XRL A, direct
2
12
2
65
XRL A, @Ri
1
12
2
66 - 67
XRL A, #data
212
2
64
XRL direct, A
2
12
2
62
XRL direct, #data
324
3
63
RL A
1
12
1
23
RLC A
1
12
1
33
RR A
1
12
1
03
RRC A
1
12
1
13
SWAP A
1
12
1
C4
Data Transfer
Bytes
Clock Cycles
Hex Code
8051
AT89LP
MOV A, Rn
1
12
1
E8 - EF
MOV A, direct
2
12
2
E5
MOV A, @Ri
1
12
2
E6 - E7
MOV A, #data
212
2
74
MOV Rn, A
1
12
1
F8 - FF
MOV Rn, direct
2
24
2
A8 - AF
MOV Rn, #data
212
2
78 - 7F
Table 20-1.
Instruction Execution Times and Exceptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com