Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 110Page - ATMEL Corporation AT89LP428 Datasheet HTML 111Page - ATMEL Corporation AT89LP428 Datasheet HTML 112Page - ATMEL Corporation AT89LP428 Datasheet HTML 113Page - ATMEL Corporation AT89LP428 Datasheet HTML 114Page - ATMEL Corporation AT89LP428 Datasheet HTML 115Page - ATMEL Corporation AT89LP428 Datasheet HTML 116Page - ATMEL Corporation AT89LP428 Datasheet HTML 117Page - ATMEL Corporation AT89LP428 Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 149 page
background image
114
3654A–MICRO–8/09
AT89LP428/828
Figure 22-1. AT89LP428/828 On-chip Debug Connections
22.2
Software Breakpoints
The AT89LP428/828 microcontroller includes a BREAK instruction for implementing program
memory breakpoints in software. A software breakpoint can be inserted manually by placing the
BREAK instruction in the program code. Some emulator systems may allow for automatic inser-
tion/deletion of software breakpoints. The Flash memory must be re-programmed each time a
software breakpoint is changed. Frequent insertions/deletions of software breakpoints will
reduce the endurance of the nonvolatile memory. Devices used for debugging purposes should
not be shipped to end customers. The BREAK instruction is treated as a two-cycle NOP when
OCD is disabled.
22.3
Limitations of On-chip Debug
The AT89LP428/828 is a fully-featured microcontroller that multiplexes several functions on its
limited I/O pins. Some device functionality must be sacrificed to provide resources for On-chip
Debugging. The On-chip Debug System has the following limitations:
•The Debug Clock pin (DCL) is physically located on that same pin as Port Pin P3.6 and the
External Reset (RST). Therefore, neither P3.6 nor an external reset source may be emulated
when OCD is enabled.
• When using the Internal RC Oscillator during debug, DDA is located on the XTAL1/P4.0 pin.
The P4.0 I/O function cannot be emulated in this mode.
• When using the External Clock during debug, DDA is located on the XTAL2/P4.1 pin and the
system clock drives XTAL1/P4.0. The P4.1 I/O and CLKOUT functions cannot be emulated in
this mode.
• When using the Crystal Oscillator during debug, DDA is located on the P3.7 pin and the
crystal connects to XTAL1/P4.0 and XTAL2/P4.1. The P3.6 I/O function cannot be emulated
in this mode.
CLK = Internal RC
VCC
XTAL1
P3.6/RST
GND
DCL
DDA
CLK = External Clock
VCC
XTAL2
P3.6/RST
GND
DCL
DDA
XTAL1
CLK
CLK = Crystal Oscillator
VCC
P3.7
P3.6/RST
GND
DCL
DDA
XTAL1
XTAL2
AB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com