Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 264 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 264 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 263Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 264Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 265Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 266Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 267Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
264
Freescale Semiconductor
Operation:
Description:
Shifts all bits of accumulator A one place to the left. Bit 0 is loaded from the
C status bit. The C bit is loaded from the most significant bit of A. Rotate
operations include the carry bit to allow extension of shift and rotate
operations to multiple bytes. For example, to shift a 24-bit value one bit to
the left, the sequence ASL LOW, ROL MID, and ROL HIGH could be used
where LOW, MID, and HIGH refer to the low-order, middle, and high-order
bytes of the 24-bit value, respectively.
ROLA
Rotate Left A
ROLA
C
b7 – – – – – – b0
C
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Z: Set if result is $00; cleared otherwise
V: N
⊕ C = [N • C] + [N • C] (for N and C after the shift)
Set if (N is set and C is cleared) or (N is cleared and C is set);
cleared otherwise (for values of N and C after the shift)
C: A7
Set if the MSB of A was set before the shift; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
ROLA
INH
45
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com