Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 262 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 258Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 259Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 263Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 264Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 265Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
262
Freescale Semiconductor
REVW Fuzzy Logic Rule Evaluation (Weighted)
(Concluded)
REVW
CCR Details:
S
X
HIN
Z
V
C
––
?
–
??
∆
!
V: 1; Normally set, unless rule structure is erroneous
C: Selects weighted (1) or unweighted (0) rule evaluation
H, N, Z, and C may be altered by this instruction
Source Form
Address
Mode
Object Code
Access Detail(1)
1. The 3-cycle loop in parentheses expands to five cycles for separators when weighting is enabled. The loop is executed
once for each element in the rule list. When an interrupt occurs, there is a 2-cycle exit sequence, a 4-cycle re-entry
sequence, then execution resumes with a prefetch of the last antecedent or consequent being processed at the time of the
interrupt.
HCS12
M68HC12
REVW
(add 2 at end of ins if wts)
(replace comma if interrupted)
Special
18 3B
ORf(t,Tx)O
(r,RfRf)
ffff + ORf(t,
ORf(tTx)O
(r,RfRf)
ffff
+ ORf(t,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com