Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 258 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 258 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 254Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 255Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 256Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 257Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 258Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 259Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
258
Freescale Semiconductor
Operation:
MIN-MAX Rule Evaluation
Description:
Performs an unweighted evaluation of a list of rules, using fuzzy input values
to produce fuzzy outputs. REV can be interrupted, so it does not adversely
affect interrupt latency.
The REV instruction uses an 8-bit offset from a base address stored in index
register Y to determine the address of each fuzzy input and fuzzy output. For
REV to execute correctly, each rule in the knowledge base must consist of
a table of 8-bit antecedent offsets followed by a table of 8-bit consequent
offsets. The value $FE marks boundaries between antecedents and
consequents and between successive rules. The value $FF marks the end
of the rule list. REV can evaluate any number of rules with any number of
inputs and outputs.
Beginning with the address pointed to by the first rule antecedent, REV
evaluates each successive fuzzy input value until it encounters an $FE
separator. Operation is similar to that of a MINA instruction. The smallest
input value is the truth value of the rule. Then, beginning with the address
pointed to by the first rule consequent, the truth value is compared to each
successive fuzzy output value until another $FE separator is encountered;
if the truth value is greater than the current output value, it is written to the
output. Operation is similar to that of a MAXM instruction. Rules are
processed until an $FF terminator is encountered.
Before executing REV, perform these set up operations.
• X must point to the first 8-bit element in the rule list.
• Y must point to the base address for fuzzy inputs and fuzzy outputs.
• A must contain the value $FF, and the CCR V bit must = 0.
(LDAA #$FF places the correct value in A and clears V.)
• Clear fuzzy outputs to 0s.
Index register X points to the element in the rule list that is being evaluated.
X is automatically updated so that execution can resume correctly if the
instruction is interrupted. When execution is complete, X points to the next
address after the $FF separator at the end of the rule list.
REV
Fuzzy Logic Rule Evaluation
REV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com