Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 255Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 256Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 257Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 258Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 259Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
259
Index register Y points to the base address for the fuzzy inputs and fuzzy
outputs. The value in Y does not change during execution.
Accumulator A holds intermediate results. During antecedent processing, a
MIN function compares each fuzzy input to the value stored in A, and writes
the smaller of the two to A. When all antecedents have been evaluated, A
contains the smallest input value. This is the truth value used during
consequent processing. Accumulator A must be initialized to $FF for the
MIN function to evaluate the inputs of the first rule correctly. For subsequent
rules, the value $FF is written to A when an $FE marker is encountered. At
the end of execution, accumulator A holds the truth value for the last rule.
The V status bit signals whether antecedents (0) or consequents (1) are
being processed. V must be initialized to 0 for processing to begin with the
antecedents of the first rule. Once execution begins, the value of V is
automatically changed as $FE separators are encountered. At the end of
execution, V should equal 1, because the last element before the $FF end
marker should be a rule consequent. If V is equal to 0 at the end of
execution, the rule list is incorrect.
Fuzzy outputs must be cleared to $00 before processing begins in order for
the MAX algorithm used during consequent processing to work correctly.
Residual output values would cause incorrect comparison.
Refer to Section 9. Fuzzy Logic Support for details.
REV
Fuzzy Logic Rule Evaluation
(Continued)
REV
CCR Details:
S
X
HIN
Z
V
C
––
?
–
??
∆
?
V: 1; Normally set, unless rule structure is erroneous
H, N, Z, and C may be altered by this instruction
Source Form
Address
Mode
Object Code
Access Detail(1)
1. The 3-cycle loop in parentheses is executed once for each element in the rule list. When an interrupt occurs, there is a
2-cycle exit sequence, a 4-cycle re-entry sequence, then execution resumes with a prefetch of the last antecedent or
consequent being processed at the time of the interrupt.
HCS12
M68HC12
REV
(replace comma if interrupted)
Special
18 3A
Orf(t,tx)O
ff + Orf(t,
Orf(t,tx)O
ff
+ Orf(t,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com