Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 256Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 257Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 258Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 259Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 263Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
260
Freescale Semiconductor
Operation:
MIN-MAX Rule Evaluation with Optional Rule Weighting
Description:
REVW performs either weighted or unweighted evaluation of a list of rules,
using fuzzy inputs to produce fuzzy outputs. REVW can be interrupted, so it
does not adversely affect interrupt latency.
For REVW to execute correctly, each rule in the knowledge base must
consist of a table of 16-bit antecedent pointers followed by a table of 16-bit
consequent pointers. The value $FFFE marks boundaries between
antecedents and consequents, and between successive rules. The value
$FFFF marks the end of the rule list. REVW can evaluate any number of
rules with any number of inputs and outputs.
Setting the C status bit enables weighted evaluation. To use weighted
evaluation, a table of 8-bit weighting factors, one per rule, must be stored in
memory. Index register Y points to the weighting factors.
Beginning with the address pointed to by the first rule antecedent, REVW
evaluates each successive fuzzy input value until it encounters an $FFFE
separator. Operation is similar to that of a MINA instruction. The smallest
input value is the truth value of the rule. Next, if weighted evaluation is
enabled, a computation is performed, and the truth value is modified. Then,
beginning with the address pointed to by the first rule consequent, the truth
value is compared to each successive fuzzy output value until another
$FFFE separator is encountered; if the truth value is greater than the current
output value, it is written to the output. Operation is similar to that of a MAXM
instruction. Rules are processed until an $FFFF terminator is encountered.
Perform these set up operations before execution:
• X must point to the first 16-bit element in the rule list.
• A must contain the value $FF, and the CCR V bit must = 0
(LDAA #$FF places the correct value in A and clears V).
• Clear fuzzy outputs to 0s.
• Set or clear the CCR C bit. When weighted evaluation is enabled,
Y must point to the first item in a table of 8-bit weighting factors.
REVW Fuzzy Logic Rule Evaluation (Weighted) REVW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com