Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 257Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 258Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 259Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 260Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 261Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 262Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 263Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 264Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
261
Index register X points to the element in the rule list that is being evaluated.
X is automatically updated so that execution can resume correctly if the
instruction is interrupted. When execution is complete, X points to the
address after the $FFFF separator at the end of the rule list.
Index register Y points to the weighting factor being used. Y is automatically
updated so that execution can resume correctly if the instruction is
interrupted. When execution is complete, Y points to the last weighting
factor used. When weighting is not used (C = 0), Y is not changed.
Accumulator A holds intermediate results. During antecedent processing, a
MIN function compares each fuzzy input to the value stored in A and writes
the smaller of the two to A. When all antecedents have been evaluated, A
contains the smallest input value. For unweighted evaluation, this is the
truth value used during consequent processing. For weighted evaluation,
the value in A is multiplied by the quantity (Rule Weight + 1) and the upper
eight bits of the result replace the content of A. Accumulator A must be
initialized to $FF for the MIN function to evaluate the inputs of the first rule
correctly. For subsequent rules, the value $FF is automatically written to A
when an $FFFE marker is encountered. At the end of execution,
accumulator A holds the truth value for the last rule.
The V status bit signals whether antecedents (0) or consequents (1) are
being processed. V must be initialized to 0 for processing to begin with the
antecedents of the first rule. Once execution begins, the value of V is
automatically changed as $FFFE separators are encountered. At the end of
execution, V should equal 1, because the last element before the $FF end
marker should be a rule consequent. If V is equal to 0 at the end of
execution, the rule list is incorrect.
Fuzzy outputs must be cleared to $00 before processing begins in order for
the MAX algorithm used during consequent processing to work correctly.
Residual output values would cause incorrect comparison.
Refer to Section 9. Fuzzy Logic Support for details.
REVW Fuzzy Logic Rule Evaluation (Weighted)
(Continued)
REVW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com