Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 191 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 191 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 187Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 188Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 189Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 190Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 191Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 192Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 193Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 194Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 195Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 296 page
background image
ADAU1373
Rev. 0 | Page 191 of 296
Bits
Bit Name
Settings
Description
Reset
Access
0
PBALVOL_GAIN
Codec Playback A Datapath Left Channel Volume Gain. DAC1 left channel
playback volume gain.
0x0
RW
0
0 dB gain (default)
1
6 dB gain
HPF_CTRL REGISTER
Address: 0x7D, Reset: 0x00, Name: HPF_CTRL
DSP High-Pass Filter Setting
Table 148. Bit Descriptions for HPF_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
HPFF
High-Pass Filter 3 dB Cutoff Frequency. High-pass filter cutoff frequency selection: 3.7 Hz,
50 Hz to 800 Hz in 16 steps.
0x00
RW
00000
3.7 Hz
00001
50 Hz
00010
100 Hz
00011
150 Hz
00100
200 Hz
00101
250 Hz
00110
300 Hz
00111
350 Hz
01000
400 Hz
01001
450 Hz
01010
500 Hz
01011
550 Hz
01100
600 Hz
01101
650 Hz
01110
700 Hz
01111
750 Hz
10000
800 Hz
2
HPFOR
Store/Clear High-Pass Filter DC Value When HPF Disabled. High-pass filter dc value control.
0x0
RW
0
Clear dc value
1
Store dc value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com