Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 192 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 192 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 188Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 189Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 190Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 191Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 192Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 193Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 194Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 195Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 196Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 296 page
background image
ADAU1373
Rev. 0 | Page 192 of 296
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
HPFEN
High-Pass Filter Enable. High-pass filter enable/disable control.
0x0
RW
00
Both channels disabled (default)
01
Right channel enabled
10
Left channel enabled
11
Both channels enabled
BASS1 REGISTER
Address: 0x7E, Reset: 0x00, Name: BASS1
Bass Enhancement Control Register
Table 149. Bit Descriptions for BASS1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
RW
5
BASS_LPF
Bass Output Frequency Range. Cutoff frequency setting for low-pass filter bass
enhancement.
0x0
RW
0
801 Hz
1
1001 Hz
[4:2]
BASS_CUT
Signal Extend Density (Clip Level). Overdrive level for bass enhancement.
0x0
RW
000
Reserved
001
0.125
010
0.250
011
0.370
100
0.500
101
0.625
110
0.750
111
0.875
[1:0]
BASS_SPK
High-Pass Filter Cutoff Frequency. Cutoff frequency setting for high-pass filter bass
enhancement.
0x0
RW
00
158 Hz
01
232 Hz
10
347 Hz
11
520 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com