Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 194 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 194 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 190Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 191Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 192Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 193Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 194Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 195Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 196Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 197Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 198Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 296 page
background image
ADAU1373
Rev. 0 | Page 194 of 296
DRC1_CTRL1 REGISTER
Address: 0x80, Reset: 0x78, Name: DRC1_CTRL1
DRC1 Level Detector Averaging Time and DRC Noise Gate Recovery Time Setting
Table 151. Bit Descriptions for DRC1_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRCNGREC
DRC1 Noise Gate Recovery Time.
0x7
RW
0000
46.875 μs
0001
93.75 μs
0010
187.5 μs
0011
375 μs
0100
750 μs
0101
1.5 ms
0110
3 ms
0111
6 ms (default)
1000
12 ms
1001
24 ms
1010
48 ms
1011
96 ms
1100
192 ms
1101
384 ms
1110
768 ms
1111
1.536 sec
[3:0]
DRCLELTAV
DRC1 RMS Detector Average Time.
0x8
RW
0000
750 μs
0001
1.5 ms
0010
3 ms
0011
6 ms
0100
12 ms
0101
24 ms
0110
48 ms
0111
96 ms
1000
192 ms (default)
1001
384 ms
1010
768 ms
1011
1.536 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com