Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
Transmission and reception
SPIRIT1
52/94
Doc ID 022758 Rev 3
Although the maximum TX signal BW should not exceed 750 kHz, the bandwidth of the
channel select filter in the receiver may need some extra bandwidth to cope with tolerances
in transmit and receive frequencies which depend on the tolerances of the used crystals.
9.6
Data coding and integrity check process
9.6.1
FEC
The device provides hardware support for error correction and detection.
Error correction can be either enabled or disabled according to link reliability and power
consumption needs. Convolutional coding with a rate=½ and k=4 is applied on the payload
and CRC before transmission (poly [13,17]). On the receiver side, error correction is
performed using soft Viterbi decoding.
To further improve error correction performance, a data interleaver is used when
convolutional coding is enabled. Data interleaving/de-interleaving is performed using a 4x4-
bit matrix interleaver.
To fill the entire matrix, at least 2 bytes of data payload are required (16 cells). In the
interleaver matrix, the encoded data bits are written along the rows and the sequence to
send to the modulator is obtained by reading the matrix elements along the columns of the
matrix. Consequently, in the de-interleaver, the received data from the demodulator are
written into the matrix along the columns, and sent to the FEC decoder reading them from
M=6
592.9
300.4
149.9
75.0
37.5
18.7
9.3
4.7
2.3
1.2
M=7
541.6
271.8
135.8
67.8
33.9
17.0
8.5
4.2
2.1
1.1
M=8
499.8
249.5
124.6
62.3
31.1
15.6
7.8
3.9
1.9
1.0
Table 28.
CHFLT_M and CHFLT_E value for channel filter bandwidth (in kHz, for fclk = 24 MHz)
Table 29.
CHFLT_M and CHFLT_E value for channel filter bandwidth (in kHz, for fclk = 26 MHz)
E=0
E=1
E=2
E=3
E=4
E=5
E=6
E=7
E=8
E=9
M=0
800.1
450.9
224.7
112.3
56.1
28.0
14.0
7.0
3.5
1.8
M=1
795.1
425.9
212.4
106.2
53.0
26.5
13.3
6.6
3.3
1.7
M=2
768.4
403.2
201.1
100.5
50.2
25.1
12.6
6.3
3.1
1.6
M=3
736.8
380.8
190.0
95.0
47.4
23.7
11.9
5.9
3.0
1.5
M=4
705.1
362.1
180.7
90.3
45.1
22.6
11.3
5.6
2.8
1.4
M=5
670.9
341.7
170.6
85.3
42.6
21.3
10.6
5.3
2.7
1.3
M=6
642.3
325.4
162.4
81.2
40.6
20.3
10.1
5.1
2.5
1.3
M=7
586.7
294.5
147.1
73.5
36.7
18.4
9.2
4.6
2.3
1.2
M=8
541.4
270.3
135.0
67.5
33.7
16.9
8.4
4.2
2.1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com