Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics SPIRIT1 Datasheet HTML 35Page - STMicroelectronics SPIRIT1 Datasheet HTML 36Page - STMicroelectronics SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
Block description
SPIRIT1
36/94
Doc ID 022758 Rev 3
8
Block description
8.1
Power management
The SPIRIT1 integrates a high efficiency step-down converter cascaded with LDOs meant
to supply both analog and digital parts. However, an LDO directly fed by the external battery
provides a controlled voltage to the data interface block.
8.2
Power-on-reset (POR)
The power-on-reset circuit generates a reset pulse upon power-up which is used to initialize
the entire digital logic. Power-on-reset senses VBAT voltage.
8.3
Low battery indicator
The battery indicator can provide the user with an indication of the battery voltage level.
There are two blocks to detect battery level:
●
Brownout with a fixed threshold as defined inTable 16: Battery indicator and low battery
detector
●
Battery level detector with a programmable threshold as defined in Table 16: Battery
indicator and low battery detector.
Both blocks can be optionally activated to provide the MCU with an early warning of
impending power failure. It does not reset the system, but gives the MCU time to prepare for
an orderly power-down and provides hardware protection of data stored in the program
memory, by preventing write instructions being executed.
The low battery indicatorr function is available in any of the SPIRIT1 operation modes. As
this function requires the internal bias circuit operation, the overall current consumption in
STANDBY, SLEEP, and READY modes is increased by 400 µA.
8.4
Voltage reference
This block provides the precise reference voltage needed by the internal circuit.
8.5
Oscillator and RF synthesizer
A crystal connected to XIN and XOUT is used to provide a clock signal to the frequency
synthesizer. The allowed clock signal frequency is either 24, 26, 48, or 52 MHz. As an
alternative, an external clock signal can be used to feed XIN for proper operation. In this
option, XOUT can be left either floating or tied to ground.
Since the digital macro cannot be clocked at that double frequency (48 MHz or 52 MHz), a
divided clock is used in this case.
The digital clock divider is enabled by default and must be kept enabled if the crystal is in the
(48 - 52) MHz range; if the crystal is in the (24 - 26) MHz range, then the divider must be
disabled before starting any TX/RX operation. The safest procedure to disable the divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com