Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics SPIRIT1 Datasheet HTML 22Page - STMicroelectronics SPIRIT1 Datasheet HTML 23Page - STMicroelectronics SPIRIT1 Datasheet HTML 24Page - STMicroelectronics SPIRIT1 Datasheet HTML 25Page - STMicroelectronics SPIRIT1 Datasheet HTML 26Page - STMicroelectronics SPIRIT1 Datasheet HTML 27Page - STMicroelectronics SPIRIT1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
Characteristics
SPIRIT1
24/94
Doc ID 022758 Rev 3
6.2.5
Crystal oscillator
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to TA = 25 °C, VBAT = 3.0 V. Frequency synthesizer
characteristics are referred to 915 MHz band.
PHARM
Harmonics level
RF = 170 MHz, 2nd harmonic (max
power level)
-36
dBm
RF = 170 MHz, 3rd harmonic (max
power level)
-55
RF = 315 MHz, 2nd harmonic (max
power level)
-52
dBc
RF = 315 MHz, 3rd harmonic (max
power level)
-52
RF = 433 MHz, 2nd harmonic (max
power level)
-43
dBm
RF = 433 MHz, 3rd harmonic (max
power level)
-46
RF = 868 MHz, 2nd harmonic (max
power level)
-40
RF = 868 MHz, 3rd harmonic (max
power level)
-42
RF = 915 MHz, 2nd harmonic (max
power level)
-28
dBc
RF = 915 MHz, 3rd harmonic (max
power level)
-42
dBm
RF = 922 MHz, 2nd harmonic (max
power level)
-39
RF = 922 MHz, 3rd harmonic (max
power level)
-60
PALOAD
Optimum load
impedance (simulated
values)
170 MHz, using reference design
46 +
j36
Ohm
315 MHz, using reference design
25 +
j27
Ohm
433 MHz, using reference design
29 +
j19
Ohm
868 MHz, using reference design
34 - j7
Ohm
915 MHz, using reference design
15 +
j28
Ohm
922 MHz, using reference design
42 -
j15
Ohm
1.
In ASK/OOK modulation, indicated value represents peak power.
Table 11.
RF transmitter characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com