Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 1 Page - STMicroelectronics

  SPIRIT1 Datasheet HTML 1Page - STMicroelectronics SPIRIT1 Datasheet HTML 2Page - STMicroelectronics SPIRIT1 Datasheet HTML 3Page - STMicroelectronics SPIRIT1 Datasheet HTML 4Page - STMicroelectronics SPIRIT1 Datasheet HTML 5Page - STMicroelectronics SPIRIT1 Datasheet HTML 6Page - STMicroelectronics SPIRIT1 Datasheet HTML 7Page - STMicroelectronics SPIRIT1 Datasheet HTML 8Page - STMicroelectronics SPIRIT1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
This is information on a product in full production.
October 2012
Doc ID 022758 Rev 3
1/94
94
SPIRIT1
Low data rate, low power sub-1GHZ transceiver
Datasheet — production data
Features
Frequency bands: 150-174 MHz, 300-348
MHz, 387-470 MHz, 779-956 MHz
Modulation schemes: 2-FSK, GFSK, MSK,
GMSK, OOK, and ASK
Air data rate from 1 to 500 kbps
Very low power consumption (9 mA RX and 21
mA TX at +11 dBm)
Programmable RX digital filter from 1 kHz to
800 kHz
Programmable channel spacing (12.5 kHz
min.)
Excellent performance of receiver sensitivity (-
118 dBm), selectivity, and blocking
Programmable output power up to +11 dBm
Fast startup and frequency synthesizer settling
time (6 µs)
Frequency offset compensation
Integrated temperature sensor
Battery indicator and low battery detector
RX and TX FIFO buffer (96 bytes each)
Configurability via SPI interface
Automatic acknowledgement, retransmission,
and timeout protocol engine
AES 128-bit encryption co-processor
Antenna diversity algorithm
Fully integrated ultra low power RC oscillator
Wake-up on internal timer and wake-up on
external event
Flexible packet length with dynamic payload
length
Sync word detection
Address check
Automatic CRC handling
FEC with interleaving
Digital RSSI output
Programmable carrier sense (CS) indicator
Automatic clear channel assessment (CCA)
before transmitting (for listen-before-talk
systems). Embedded CSMA/CA protocol
Programmable preamble quality indicator
(PQI)
Link quality indication (LQI)
Whitening and de-whitening of data
Wireless M-BUS, EN 300 220, FCC CFR47 15
(15.205, 15.209, 15.231, 15.247, 15.249), and
ARIB STD T-67, T93, T-108 compliant
QFN20 4x4 mm RoHS package
Operating temperature range from -40 °C to 85
°C
Applications
AMR (automatic meter reading)
Home and building automation
WSN (wireless sensors network)
Industrial monitoring and control
Wireless fire and security alarm systems
Point-to-point wireless link
Table 1.
Device summary
Order code
Package
Packing
SPIRIT1QTR
QFN20
Tape and reel
QFN20
www.st.com


Similar Part No. - SPIRIT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
Low data rate, low power sub-1GHZ transceiver
More results

Similar Description - SPIRIT1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
Low Power Wireless Transceiver Data Module
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
Low Power Wireless Transceiver Data Module
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
Low data rate, low power sub-1GHZ transceiver
logo
Rohm
BP3596 ROHM-BP3596 Datasheet
574Kb / 2P
Low Power Sub-1GHz Radio Module
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com