Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics SPIRIT1 Datasheet HTML 35Page - STMicroelectronics SPIRIT1 Datasheet HTML 36Page - STMicroelectronics SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
SPIRIT1
Operating modes
Doc ID 022758 Rev 3
35/94
units (BU). The contention window is calculated on the basis of the binary exponential
backoff (BEB) technique, which doubles the size of the window at each backoff retry (stored
in the NB counter):
BO= rand(0,2NB)×BU
The CSMA procedure is then controlled by the following parameters:
SEED_RELOAD: enables/disables the reload of the seed used by the backoff random
generator at the start of each CSMA procedure (at the time when the counter is reset, i.e.
NB=0). If this functionality is not enabled, the seed is automatically generated and updated
by the generator circuit itself.
CSMA_ON: enables/disables the CSMA procedure (11th bit of the PROTOCOL[1] register);
this bit is checked at each packet transmission.
CSMA_PERS_ON: makes the carrier sense persistent, i.e. the channel is continuously
monitored until it becomes free again, skipping the backoff waiting steps (9th bit of the
PROTOCOL[1] register); the MCU can stop the procedure with an SABORT command.
BU_COUNTER_SEED_MSByte/LSByte: these bytes are used to set the seed of the
pseudo-random number generator when the CSMA cycle starts (CSMA_CONFIG[3:2]
registers), provided that the SEED_RELOAD bit is enabled. Value 0 is not allowed, because
the pseudo-random generator does not work in that case.
BU_PRESCALER[5:0]: prescaler which is used to configure the backoff time unit (b)
BU=BU_PRESCALER in Figure 6 (field of the CSMA_CONFIG[1] register).
CCA_PERIOD[1:0]: code which programs the Tcca time (expressed as a multiple of Tbit
samples) between two successive CS samplings (field of the CSMA_CONFIG[1] register),
as follows:
00 64×Tbit
01 128×Tbit
10 256×Tbit
11 512×Tbit.
CCA_LENGTH[3:0]: configuration of Tlisten = [1..15] x Tcca
NBACKOFF_MAX[2:0]: max. number of backoff cycles.
b.
Note that the backoff timer is clocked on the 34.7 kHz clock, because, in this case, the SPIRIT1 is in SLEEP
state, in order to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com