Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
75/94
MCU_CK_CONF
0x06
7
EN_MCU_CLK
0
R/W
1: The internal divider logic is
running, so the MCU clock is
available (but proper GPIO
configuration is needed)
6:5
CLOCK_TAIL[1:0]
0
Number of extra clock cycles
provided to the MCU before
switching to STANDBY state:
00: 0 extra clock cycle
01: 64 extra clock cycles
10: 256 extra clock cycles
11: 512 extra clock cycles
4:1
XO_RATIO[3:0]
0
Divider for the XO clock output
0
RCO_RATIO
0
Divider for the RCO clock
output
0: 1
1: 1/128
XO_RCO_TEST
0xB4
7:4
Reserved
3PD_CLKDIV
0
1: disable both dividers of the
digital clock (and reference
clock for the SMPS) and IF-
ADC clock.
2:0
Reserved
SYNTH_CONFIG[0]
0x9F
7
SEL_TSPLIT
0
R/W
0: split time: 1.75 ns
1: split time: 3.47 ns
6:0
Reserved
SYNTH_CONFIG[1]
0x9E
7REFDIV
0
R/W
Enable division by 2 on the
reference clock:
0: fREF = fXO frequency
1: fREF = fXO frequency / 2
6:3
Reserved
2
VCO_L_SEL
0
1: enable the VCO_L
1
VCO_H_SEL
1
1: enable the VCO_L
0
Reserved
IF_OFFSET_ANA
0x07
7:0
IF_OFFSET_ANA
0xA3
R/W
Intermediate frequency setting
for the analog RF synthesizer.
(see Section 9.4)
Table 37.
General configuration registers (continued)
Register
Address
Bit
Field name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com