Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Register table
SPIRIT1
76/94
Doc ID 022758 Rev 3
Table 38.
Radio configuration registers (analog blocks)
Register name
Address
Bit
Field Name
Reset
R/W
Description
SYNT3
0x08
7:5
WCP[2:0]
000
R/W
Set the charge pump current
according to the VCO
frequency. See Table 24.
4:0
SYNT[25:21]
01100
SYNT[25:21], highest 5 bits of
the PLL programmable divider
The valid range depends on
fXO and REFDIV settings; for
fXO=26MHz. See Equation 2
SYNT2
0x09
7:0
SYNT[20:13]
0x84
R/W
SYNT[20:13], intermediate bits
of the PLL programmable
divider. See Equation 2
SYNT1
0x0A
7:0
SYNT[12:5]
0xEC
R/W
SYNT[12:5], intermediate bits
of the PLL programmable
divider. See Equation 2
SYNT0
0x0B
7:3
SYNT[4:0]
01010
R/W
SYNT[4:0], lowest bits of the
PLL programmable divider. See
Equation 2
2:0
BS
001
R/W
Synthesizer band select. This
parameter selects the out-of-
loop divide factor of the
synthesizer (B in Equation 2 ).
1: 6 Band select factor for high
band
2: 8 Band select factor for high
band
3: 12 Band select factor for
middle band
4: 16 Band select factor for low
band
5: 32 Band select factor for very
low band
CHSPACE
0x0C
7:0
CH_SPACING
0xFC
R/W
Channel spacing in steps of
fXO/2
15 (~793 for f
XO = 26 MHz,
~732 for fXO = 24 MHz).
IF_OFFSET_DIG
0x0D
7:0
IF_OFFSET_DIG
0xA3
R/W
Intermediate frequency setting
for the digital shift-to-baseband
(see Section 9.4)
FC_OFFSET[1]
0x0E
7:4
Reserved
0
R/W
Carrier offset in steps of
fXO/2
18 and represented as 12
bits 2-complement integer. It is
added / subtracted to the
carrier frequency set by the
SYNTx register. This register
can be used to set a fixed
correction value obtained e.g.
from crystal measurements.
3:0
FC_OFFSET[11:8]
0
FC_OFFSET[0]
0x0F
7:0
FC_OFFSET[7:0]
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com