Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics SPIRIT1 Datasheet HTML 35Page - STMicroelectronics SPIRIT1 Datasheet HTML 36Page - STMicroelectronics SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics SPIRIT1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
SPIRIT1
Block description
Doc ID 022758 Rev 3
37/94
without any risk of glitches in the digital clock is to switch into STANDBY mode, hence, reset
the bit-field PD_CLKDIV in the XO_RCO_TEST register, and then come back to the READY
state. Also the synthesizer reference signal can be divided by 2, setting the bit-field REFDIV
in the SYNTH_CONFIG register.
The integrated phase locked loop (PLL) is capable of synthesizing the frequencies in the
bands from 169.1 to 169.5, from 300 to 348 MHz, from 387 to 470 MHz, or from 779 to 956
MHz, providing the LO signal for the RX chain and the input signal for the PA in the TX
chain.
Frequency tolerance and startup times depend on the crystal used, although some tuning of
the latter parameter is possible through the GM_CONF field of the ANA_FUNC_CONF
registers.
Depending on the RF frequency and channel spacing, a very high accurate crystal or TCXO
can be required.
The RF synthesizer implements fractional sigma delta architecture to allow fast settling and
narrow channel spacing. It is fully integrated and uses a multi-band VCO to cover the whole
frequency range. All internal calibrations are performed automatically.
The PLL output frequency can be configured by programming the SYNT field of the SYNT3,
SYNT2, SYNT1, and SYNT0 registers and BS field of the SYNT0 register (see
Section 9.5.2). The user must configure these registers according to the effective reference
frequency in use (24 MHz, 26 MHz, 48 MHz, or 52 MHz). In the latter two cases, the user
must enable the frequency divider by 2 for the digital clock, in order to run the digital macro
at a lower frequency. The configuration bit for the digital clock divider is inside the
XO_RCO_TEST register (default case is divider enabled). In addition, the user can also
enable a divider by 2 applied to the reference clock. The configuration bit for the reference
clock divider is inside the SYNTH_CONFIG[1] register. The user must select a 3-bit word in
order to set the charge pump current according to the LO frequency variations, in order to
have a constant loop bandwidth. This can be done by writing the WCP field of the SYNT3
register, according to the following table:
Table 21.
Programmability of trans-conductance at startup
GM_CONF[2:0]
Gm at startup [ms]
000
13.2
001
18.2
010
21.5
011
25.6
100
28.8
101
33.9
110
38.5
111
43.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com