Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
Register table
SPIRIT1
80/94
Doc ID 022758 Rev 3
Table 40.
Packet/protocol configuration registers
Register name
Address
Bit
Field Name
Reset
R/W
Description
PCKTCTRL4
0x30
7:5
Reserved
000
R/W
4:3
ADDRESS_LEN[1:0]
00
Length of address field in
bytes:
0 or 1: Basic
2: STack
2:0
CONTROL_LEN
000
Length of control field in bytes
PCKTCTRL3
0x31
7:6
PCKT_FRMT[1:0]
00
R/W
Format of packet.
0: basic,
2: WM-Bus,
3: STack
5:4
RX_MODE[1:0]
00
RX mode:
0: normal mode,
1: direct through FIFO,
2: direct through GPIO
3:0
LEN_WID
0111
Size in number of binary digit
of length field
PCKTCTRL2
0x32
7:3
PREAMBLE_LENGTH[
4:0]
00011
R/W
Length of preamble field in
bytes (from 1 to 32)
2:1
SYNC_LENGTH[1:0]
11
Length of sync field in bytes
(from 1 to 4)
0
FIX_VAR_LEN
0
Packet length mode.
0: fixed,
1: variable (in variable mode
the field LEN_WID of
PCKTCTRL3 register must be
configured)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com