Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
85/94
PROTOCOL[0]
0x52
7:4
NMAX_RETX[3:0]
0
R/W
Max. number of re-TX (from 0
to 15).
0: re-transmission is not
performed
3NACK_TX
1
1: field NO_ACK=1 on
transmitted packet
2AUTO_ACK
0
1: automatic
acknowledgement after
correct packet reception
1
PERS_RX
0
1: persistent reception
enabled
0
PERS_TX
0
1: persistent transmission
enabled
TIMERS[5]
0x53
47:4
0
RX_TIMEOUT_PRES
CALER[7:0]
1R/W
Prescaler value of the RX
TIMEOUT timer. When this
timer expires the SPIRIT1
exits RX state. Can be
controlled using the quality
indicator (SQI, LQI, PQI, CS).
TIMERS[4]
0x54
39:3
2
RX_TIMEOUT_COUN
TER[7:0]
0R/W
Counter value of the RX
TIMEOUT timer. When this
timer expires the SPIRIT1
exits RX state. Can be
controlled using the quality
indicator (SQI, LQI, PQI, CS)
TIMERS[3]
0x55
31:2
4
LDC_PRESCALER[7:0
]
1R/W
Prescaler value of the LDC
wake-up timer. When this
timer expires the SPIRIT1
exits SLEEP state.
TIMERS[2]
0x56
23:1
6
LDC_COUNTER[7:0]
0
R/W
Counter value of the LDC
wake-up timer. When this
timer expires the SPIRIT1
exits SLEEP state.
TIMERS[1]
0x57
15:8
LDC_RELOAD_PRES
CALER[7:0]
1R/W
Prescaler value of the LDC
reload timer. When this timer
expires the SPIRIT1 exits
SLEEP state. The reload timer
value is used if the SYNC
word is detected (by the
receiver) or if the
LDC_RELOAD command is
used.
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com