Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics SPIRIT1 Datasheet HTML 22Page - STMicroelectronics SPIRIT1 Datasheet HTML 23Page - STMicroelectronics SPIRIT1 Datasheet HTML 24Page - STMicroelectronics SPIRIT1 Datasheet HTML 25Page - STMicroelectronics SPIRIT1 Datasheet HTML 26Page - STMicroelectronics SPIRIT1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
SPIRIT1
Characteristics
Doc ID 022758 Rev 3
23/94
PSPUR,ARIB
Unwanted emissions
according to ARIB
RF = 312-315 MHz, frequency below
1 GHz (@ max output power,
according to ARIB STD-T93)
-41
dBm
RF = 312-315 MHz, frequency above
1 GHz (@ max output power,
according to ARIB STD-T93)
-48
dBm
RF = 426-470 MHz (@ max output
power, according to ARIB STD-T67)
<-40
dBm
RF = 915-917 MHz and
RF = 920-930 MHz, f< 710 MHz (@
max output power, according to ARIB
STD-T108)
<-55
dBm
RF = 915-917 MHz and
RF = 920-930 MHz, 710 MHz <f<
915 MHz (@ max output power,
according to ARIB STD-T108)
-55
dBm
RF = 915-917 MHz and
RF = 924-930 MHz, 915 MHz <f<
930 MHz (@ max output power,
according to ARIB STD-T108)
-36
dBm
RF = 920-924 MHz, 915 MHz <f<
920.3 MHz (@ max output power,
according to ARIB STD-T108)
<-36
dBm
RF = 920-924 MHz, 920.3 MHz <f<
924.3 MHz (@ max output power,
according to ARIB STD-T108)
-55
dBm
RF = 920-924 MHz, 924.3 MHz <f<
930 MHz (@ max output power,
according to ARIB STD-T108)
-36
dBm
RF = 915-917 MHz and
RF = 920-930 MHz, 930 MHz <f<
1000 MHz (@ max output power,
according to ARIB STD-T108)
-55
dBm
RF = 915-917 MHz and
RF = 920-930 MHz, 1000 MHz <f<
1215 MHz (@ max output power,
according to ARIB STD-T108)
<-60
dBm
RF = 915-917 MHz and
RF = 920-930 MHz, 1215 MHz <f (@
max output power, according to ARIB
STD-T108)
-38
dBm
Table 11.
RF transmitter characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com