Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics SPIRIT1 Datasheet HTML 90Page - STMicroelectronics SPIRIT1 Datasheet HTML 91Page - STMicroelectronics SPIRIT1 Datasheet HTML 92Page - STMicroelectronics SPIRIT1 Datasheet HTML 93Page - STMicroelectronics SPIRIT1 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Register table
SPIRIT1
90/94
Doc ID 022758 Rev 3
LINEAR_FIFO_STATUS
[0]
0xE7
7
Reserved
0
R
6:0
ELEM_RXFIFO
0
Number of elements in the
linear RX FIFO (from 0 to 96
bytes)
IRQ_STATUS[3]
0xFA
7:0
INT_EVENT[31:24]
0
RR
The IRQ status register. See
Table 12.
IRQ_STATUS[2]
0xFB
7:0
INT_EVENT[23:16]
0
RR
The IRQ status register. See
Table 12.
IRQ_STATUS[1]
0xFC
7:0
INT_EVENT[15:8]
0
RR
The IRQ status register. See
Table 12.
IRQ_STATUS[0]
0xFD
7:0
INT_EVENT[7:0]
0
RR
The IRQ status register. See
Table 12.
Table 41.
Frequently used registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description
Table 42.
General information
Register
Address
Bit
Field name
Reset
R/W
Description
DEVICE_INFO[1:0]
0xF0
7:0
PARTNUM[7:0]
0x01
R
Device part number
0xF1
7:0
VERSION[7:0]
0x30
R
Device version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com