Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 45Page - STMicroelectronics SPIRIT1 Datasheet HTML 46Page - STMicroelectronics SPIRIT1 Datasheet HTML 47Page - STMicroelectronics SPIRIT1 Datasheet HTML 48Page - STMicroelectronics SPIRIT1 Datasheet HTML 49Page - STMicroelectronics SPIRIT1 Datasheet HTML 50Page - STMicroelectronics SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
49/94
The recommended IF value is about 480 kHz resulting in the following register setting:
9.5
Modulation scheme
The following modulation formats are supported: 2-FSK, GFSK, MSK, OOK, and ASK. The
actual modulation format used is controlled by the MOD_TYPE field of the MOD0 register:
MOD_TYPE =
0 (00): 2-FSK
1 (01): GFSK
2 (10): ASK/OOK
3 (11): MSK
In 2-FSK and GFSK modes, the frequency deviation is controlled by the FDEV register
according to the following formula:
Equation 9
where:
fXO is the XTAL oscillator frequency (typically 26 MHz or 52 MHz).
FDEV_M is a 3-bit integer ranging from 0 to 7
FDEV_E is a 4-bit integer ranging from 0 to 9.
The fdev values obtainable are then:
For fXO = 52 MHz
Table 27.
IF_OFFSET settings
IF_OFFSET_ANA
IF_OFFSET_DIG
fIF [kHz]
fXO [MHz]
0xB6
0xB6
480.469
24
0xAC
0xAC
480.143
25
0xA3
0xA3
480.306
26
0x3B
0xB6
480.469
48
0x36
0xAC
480.143
50
0x31
0xA3
480.140
52
f
dev
f
xo
floor 8
(
(
FDEV_M
)
+
2
FDEV_E
1
)
2
18
-----------------------------------------------------------------------------------------------
=
E/M
0
12
34
5
6
7
0
793.5
793.5
991.8
991.8
1190.2
1190.2
1388.5
1388.5
1
1586.9
1785.3
1983.6
2182.0
2380.4
2578.7
2777.1
2975.5
2
3173.8
3570.6
3967.3
4364.0
4760.7
5157.5
5554.2
5950.9
3
6347.7
7141.1
7934.6
8728.0
9521.5
10314.9
11108.4
11901.9
4
12695.3
14282.2
15869.1
17456.1
19043.0
20629.9
22216.8
23803.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com