Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics SPIRIT1 Datasheet HTML 22Page - STMicroelectronics SPIRIT1 Datasheet HTML 23Page - STMicroelectronics SPIRIT1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
Characteristics
SPIRIT1
20/94
Doc ID 022758 Rev 3
6.2.4
RF transmitter
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to TA = 25 °C, VBAT = 3.0 V. All performance is
referred to a 50 Ohm antenna connector, via the reference design.
RXSPUR
Spurious emissions
(maximum values according
to ETSI EN 300 220-1)
RF = 170 MHz, f< 1 GHz
-65
dBm
RF = 170 MHz, 1 GHz < f < 4 GHz
-69
RF = 433 MHz - 435 MHz, f< 1
GHz
-63
RF = 433 MHz - 435 MHz, 1 GHz
< f < 4 GHz
-83
RF = 868 MHz, f< 1 GHz
-70
RF = 868 MHz, 1 GHz < f < 6 GHz
-60
Spurious emissions (maxi-
mum values according to
ARIB STD-T93)
RF = 312 MHz - 315 MHz, f< 1
GHz
-69
RF = 312 MHz - 315 MHz, f> 1
GHz
-59
Spurious emissions (maxi-
mum values according to
ARIB STD-T67)
RF = 426 MHz - 470 MHz
-61
Spurious emissions (maxi-
mum values according to
ARIB STD-T108)
RF = 920 MHz - 924 MHz, f< 710
MHz
<-70
RF = 920 MHz - 924 MHz, 710
MHz < f < 915 MHz
RF = 920 MHz - 924 MHz, 915
MHz < f < 930 MHz
RF = 920 MHz - 924 MHz, 930
MHz < f < 1 GHz
RF = 920 MHz - 924 MHz, f> 1
GHz
-75
ZIN, RX
Differential Input Impedance
(simulated values)
Max RX gain
RF = 170 MHz
RF = 315 MHz
RF = 433 MHz
RF = 868 MHz
RF = 915 MHz
RF = 922 MHz
200 - j36
180 - j57
170 - j70
118 - j87
113 - j87
113 - j87
Ω
1.
Guaranteed in an entire single sub band. Reference design can be different for different application bands.
2.
In OOK modulation, indicated value represents mean power.
3.
Interferer is CW signal (as specified by ETSI EN 300 220 v1).
4.
Blocker is CW signal (as specified by ETSI EN 300 220 v1)
Table 10.
RF receiver characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com