Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics SPIRIT1 Datasheet HTML 22Page - STMicroelectronics SPIRIT1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
SPIRIT1
Characteristics
Doc ID 022758 Rev 3
19/94
C/I2-CH
(3)
Alternate channel rejection,
1% PER (packet length = 20
bytes)
FEC DISABLED
868 MHz
Desired channel 3 dB above
sensitivity level. 25 kHz channel
spacing, 2-FSK 1.2 kbps, (1 kHz
dev. CH Filter=6 kHz)
52
dB
Desired channel 3 dB above
sensitivity level. 100 kHz channel
spacing, 2-FSK 1.2 kbps, (4.8 kHz
dev. CH Filter=58 kHz)
43
dB
Desired channel 3 dB above
sensitivity level. 400 kHz channel
spacing, 2-GFSK (BT=1) 38.4
kbps, (20 kHz dev. CH Filter=100
kHz)
44
dB
Desired channel 3 dB above
sensitivity level. 1.5 MHz channel
spacing, 2-GFSK (BT=1) 250
kbps, (127 kHz dev. CH Filter=540
kHz)
46
dB
IMREJ
(3)
Image rejection, 1% PER
(packet length = 20 bytes)
1% PER (packet length = 20
bytes) FEC DISABLED
868 MHz 2-GFSK (BT=1) 38.4
kbps (20kHz dev. CH Filter=100
kHz), desired channel 3 dB above
the sensitivity limit, with IQC
correction.
47
dB
RXBLK
(4)
Blocking at offset above the
upper band edge and below
the lower band edge 1%
BER
@ 2 MHz offset, 868 MHz 2-
GFSK (BT=1) 38.4kbps, desired
channel 3 dB above the sensitivity
limit
-42
dBm
@ 10 MHz offset, 868 MHz 2-
GFSK (BT=1) 38.4kbps, desired
channel 3 dB above the sensitivity
limit
-40
dBm
Table 10.
RF receiver characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com