Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics SPIRIT1 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
Register table
SPIRIT1
86/94
Doc ID 022758 Rev 3
TIMERS[0]
0x58
7:0
LDC_RELOAD_COUN
TER[7:0]
0R/W
Counter part of the LDC
reload value timer. When this
timer expires the SPIRIT1
exits SLEEP state. The reload
timer value is used if the
SYNC word is detected (by
the receiver) or if the
LDC_RELOAD command is
used.
CSMA_CONFIG[3]
0x64
7:0
BU_COUNTER_SEED
_MSByte
0xFF
R/W
The MSB value of the counter
of the seed of the random
number generator used to
apply the BBE algorithm
during the CSMA algorithm
CSMA_CONFIG[2]
0x65
7:0
BU_COUNTER_SEED
_LSByte
0R/W
The LSB value of the counter
seed of the random number
generator used to apply the
BBE algorithm during the
CSMA algorithm
CSMA_CONFIG[1]
0x66
7:2
BU_PRESCALER[5:0] 000001
R/W
The prescaler value used to
program the back-off unit BU
1:0
CCA_PERIOD
00
Used to program the Tcca time
(64 / 128 / 256 / 512 × Tbit)
CSMA_CONFIG[0]
0x67
7:4
CCA_LENGTH[3:0]
0000
R/W
Used to program the Tlisten
time
3
Reserved
0
2:0
NBACKOFF_MAX
000
Max. number of back-off
cycles
TX_CTRL_FIELD[3]
0x68
7:0
TX_CTRL3
0
R/W
Control field value to be used
in TX packet as byte n.3
TX_CTRL_FIELD[2]
0x69
7:0
TX_CTRL2
0
R/W
Control field value to be used
in TX packet as byte n.2
TX_CTRL_FIELD[1]
0x6A
7:0
TX_CTRL1
0
R/W
Control field value to be used
in TX packet as byte n.1
TX_CTRL_FIELD[0]
0x6B
7:0
TX_CTRL0
0
R/W
Control field value to be used
in TX packet as byte n.0
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com