Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics SPIRIT1 Datasheet HTML 69Page - STMicroelectronics SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
SPIRIT1
MCU interface
Doc ID 022758 Rev 3
69/94
using the IRQ_MASK[3:0] registers: if the mask bit related to a particular event is
programmed at 0, that event does not generate any interrupt request.
10.3
GPIOs
The total number of GPIO pins is 4. Each pin is individually configurable.
Digital outputs can be selected from the following (see GPIOx_CONF register):
Table 33.
Digital outputs
I/O
selection
Output signal
0
nIRQ (interrupt request, active low)
1
POR inverted (active low)
2
Wake-up timer expiration: ‘1’ when WUT has expired
3
Low battery detection: ‘1’ when battery is below threshold setting
4
TX data internal clock output (TX data are sampled on the rising edge of it)
5
TX state indication: ‘1’ when the SPIRIT1 is transiting in the TX state
6
TX FIFO almost empty flag
7
TX FIFO almost full flag
8
RX data output
9
RX clock output (recovered from received data)
10
RX state indication: ‘1’ when SPIRIT1 is transiting in the RX state
11
RX FIFO almost full flag
12
RX FIFO almost empty flag
13
Antenna switch used for antenna diversity
14
Valid preamble detected flag
15
Sync word detected flag
16
RSSI above threshold (same indication as bit CS in the LINK_QUALIF[1]
register)
17
MCU clock
18
TX or RX mode indicator (to enable an external range extender)
19
VDD (to emulate an additional GPIO of the MCU, programmable by SPI)
20
GND (to emulate an additional GPIO of the MCU, programmable by SPI)
21
External SMPS enable signal (active high)
22
Device in SLEEP or STANDBY states
23
Device in READY state
24
Device in LOCK state
25
Device waiting for a high level of the lock-detector output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com