Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 37Page - STMicroelectronics SPIRIT1 Datasheet HTML 38Page - STMicroelectronics SPIRIT1 Datasheet HTML 39Page - STMicroelectronics SPIRIT1 Datasheet HTML 40Page - STMicroelectronics SPIRIT1 Datasheet HTML 41Page - STMicroelectronics SPIRIT1 Datasheet HTML 42Page - STMicroelectronics SPIRIT1 Datasheet HTML 43Page - STMicroelectronics SPIRIT1 Datasheet HTML 44Page - STMicroelectronics SPIRIT1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
SPIRIT1
Block description
Doc ID 022758 Rev 3
41/94
signal within its dynamic range. After the down-conversion at IF, a first order filter is
implemented to attenuate the out-of-band blockers.
8.9
Transmitter
The SPIRIT1 contains an integrated PA capable of transmitting at output levels between -30
dBm to +11 dBm. The PA is single-ended and has a dedicated pin (TXOUT). The PA output
is ramped up and down to prevent unwanted spectral splatter. In TX mode the PA drives the
signal generated by the frequency synthesizer out to the antenna terminal. The output
power of the PA is programmable via SPI. Delivered power, as well as harmonic content,
depends on the external impedance seen by the PA. To obtain approval on ETSI EN 300
220, it is possible to program TX to send an unmodulated carrier.
The output stage is supplied from the SMPS through an external choke and is loaded with a
LC-type network which has the function of transforming the impedance of the antenna and
filter out the harmonics. The TX and RX pins are tied directly to share the antenna. During
TX, the LNA inputs are internally shorted to ground to allow for the external network
resonance, so minimizing the power loss due to the RX.
Figure 7.
Shaping of ASK signal
8.10
Temperature sensors (TS)
The SPIRIT1 can provide an analog temperature indication as a voltage level, which is
available at the GPIO_0 pin. The voltage level V0 at room temperature (or any other useful
reference temperature) should be acquired and stored by the MCU in order to compensate
for the offset. The relationship between temperature and voltage is the following:
Equation 1
where V0 is the voltage at temperature T0.
T400
V
temp
V
0
()
T
0
3.75
+
()
+
=
° C
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com