Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 6Page - STMicroelectronics SPIRIT1 Datasheet HTML 7Page - STMicroelectronics SPIRIT1 Datasheet HTML 8Page - STMicroelectronics SPIRIT1 Datasheet HTML 9Page - STMicroelectronics SPIRIT1 Datasheet HTML 10Page - STMicroelectronics SPIRIT1 Datasheet HTML 11Page - STMicroelectronics SPIRIT1 Datasheet HTML 12Page - STMicroelectronics SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Typical application diagram and pin description
SPIRIT1
10/94
Doc ID 022758 Rev 3
3
Typical application diagram and pin description
3.1
Typical application diagram
Figure 2.
Suggested application diagram
Table 2.
Description of the external components of the typical application
diagram
Components
Description
C0
Decoupling capacitor for on-chip voltage regulator to digital part
C1, C2, C3, C14, C15 RF LC filter/matching capacitors
C4, C5
RF balun/matching capacitors
C6, C7, C8
RF balun/matching DC blocking capacitors
C9, C10
Crystal loading capacitors
C11, C12, C13
SMPS LC filter capacitor
L0
RF choke inductor
L1, L2, L3, L9
RF LC filter/matching inductors
L4, L5, L6
RF balun/matching inductors
1.8V÷3.6V power supply
C0
C13
1 GPIO_0
SDN 15
SMPS Ext1 14
SMPS Ext2 13
TX 12
GND_PA 11
2 MISO
3 MOSI
4 SCLK
5 CSn
SPIRIT1
DIE ATTACH PAD:
C9
C6
XTAL
C11
L7
Antenna
(50
Ω)
L0
L1
L2
L3
C1
C2
C3
C5
L4
C4
L5
C10
L6
C7
C8
C0
L8
C12
C13
C15
C14
L9
AM09258V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com