Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics SPIRIT1 Datasheet HTML 90Page - STMicroelectronics SPIRIT1 Datasheet HTML 91Page - STMicroelectronics SPIRIT1 Datasheet HTML 92Page - STMicroelectronics SPIRIT1 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
89/94
RX_PCKT_LEN[1]
0xC9
7:0
RX_PCKT_LEN1
0
R
Length (number of bytes) of the
received packet:
RX_PCKT_LEN=RX_PCKT_L
EN1 × 256 + RX_PCKT_LEN0
RX_PCKT_LEN[0]
0xCA
7:0
RX_PCKT_LEN0
0
R
CRC_FIELD[2]
0xCB
7:0
CRC2
0
R
CRC field of the received
packet, byte 2
CRC_FIELD[1]
0xCC
7:0
CRC1
0
R
CRC field of the received
packet, byte 1
CRC_FIELD[0]
0xCD
7:0
CRC0
0
R
CRC field of the received
packet, byte 0
RX_CTRL_FIELD[3]
0xCE
7:0
RX_CTRL0
0
R
Control field(s) of the received
packet, byte 0
RX_CTRL_FIELD[2]
0xCF
7:0
RX_CTRL1
0
R
Control field(s) of the received
packet, byte 1
RX_CTRL_FIELD[1]
0xD0
7:0
RX_CTRL2
0
R
Control field(s) of the received
packet, byte 2
RX_CTRL_FIELD[0]
0xD1
7:0
RX_CTRL3
0
R
Control field(s) of the received
packet, byte 3
RX_ADDR_FIELD[1]
0xD2
7:0
ADDR1
0
R
Source address field of the RX
packet.
RX_ADDR_FIELD[0]
0xD3
7:0
ADDR0
0
R
Destination address field of the
RX packet.
AES_ DATA_OUT[15]
0xD4
7:0
AES_OUT15
0
R
AES engine data output (128
bits)
AES_ DATA_OUT[14]
0xD5
7:0
AES_OUT14
0
R
AES engine data output (128
bits)
……
AES_ DATA_OUT[1]
0xE2
7:0
AES_OUT1
0
R
AES engine data output (128
bits)
AES_ DATA_OUT[0]
0xE3
7:0
AES_OUT0
0
R
AES engine data output (128
bits)
RCO_VCO_CALIBR_O
UT[1]
0xE4
7:4
RWT_OUT[3:0]
0
R
RWT word from internal RCO
calibrator
3:0
RFB_OUT[4:1]
0
RFB word from internal RCO
calibrator
RCO_VCO_CALIBR_O
UT[0]
0xE5
7RFB_OUT[0]
0
R
6:0
VCO_CALIBR_DATA
0
Output word from internal VCO
calibrator
LINEAR_FIFO_STATUS
[1]
0xE6
7
Reserved
0
R
6:0
ELEM_TXFIFO
0
Number of elements in the
linear TX FIFO (from 0 to 96
bytes)
Table 41.
Frequently used registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com