Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPIRIT1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 28Page - STMicroelectronics SPIRIT1 Datasheet HTML 29Page - STMicroelectronics SPIRIT1 Datasheet HTML 30Page - STMicroelectronics SPIRIT1 Datasheet HTML 31Page - STMicroelectronics SPIRIT1 Datasheet HTML 32Page - STMicroelectronics SPIRIT1 Datasheet HTML 33Page - STMicroelectronics SPIRIT1 Datasheet HTML 34Page - STMicroelectronics SPIRIT1 Datasheet HTML 35Page - STMicroelectronics SPIRIT1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Operating modes
SPIRIT1
32/94
Doc ID 022758 Rev 3
When setting TWU, care should be taken when considering the analog settling time which is
required before the radio becomes fully operative for transmission or reception (TIDLE in
Figure 5).
Figure 5.
LDCR mode timing
The TIDLE time can be longer than the minimum required to get analog circuits settling, and
this causes power waste. In order to minimize TIDLE, the SPIRIT1 supports the runtime
phasing of the internal wake-up timer, as follows:
●
The value of the wake-up timer can be reloaded during runtime using the
LDCR_RELOAD command with the values written in the
LDCR_RELOAD_PRESCALER/COUNTER registers. In doing so, the counting can be
delayed or anticipated
●
Alternatively, the wake-up timer can be automatically reloaded at the time the SYNC is
received. This option must be enabled on the PROTOCOL register and it is available
only for LDC mode in reception.
7.4
CSMA/CA engine
The CSMA/CA engine is a channel access mechanism based on the rule of sensing the
channel before transmitting. This avoids the simultaneous use of the channel by different
transmitters and increases the probability of correct reception of data being transmitted.
CSMA is an optional feature that can be enabled on the basis of user needs.
When CSMA is enabled, the device performs a clear channel assessment (CCA) before
transmitting any data. In SPIRIT1 implementation, CCA is based on a comparison of the
channel RSSI with a programmable static carrier sense threshold.
If the CCA finds the channel busy, a backoff procedure may be activated to repeat the CCA
process a certain number of times, until the channel is found to be idle. Each time that CCA
is retried, a counter (NB) is incremented by one, up to the upper limit (NBmax).
When the limit is reached, an NBACKOFF_MAX interrupt request is raised towards the
MCU, to notify that the channel has been repeatedly found busy and so the transmission
has not been performed.
While in backoff, the device stays in SLEEP/READY state in order to reduce power
consumption.
CCA may optionally be persistent, i.e., rather than entering backoff when the channel is
found busy, CCA continues until the channel becomes idle or until the MCU stops it.
The thinking behind using this option is to give the MCU the possibility of managing the CCA
by itself, for instance, with the allocation of a transmission timer: this timer would start when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com